Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100033 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 100033
Description  QUINT-PS-3x400-500AC/24DC/10
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100033 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  100033 Datasheet HTML 1Page - PHOENIX CONTACT 100033 Datasheet HTML 2Page - PHOENIX CONTACT 100033 Datasheet HTML 3Page - PHOENIX CONTACT 100033 Datasheet HTML 4Page - PHOENIX CONTACT 100033 Datasheet HTML 5Page - PHOENIX CONTACT 100033 Datasheet HTML 6Page - PHOENIX CONTACT 100033 Datasheet HTML 7Page - PHOENIX CONTACT 100033 Datasheet HTML 8Page - PHOENIX CONTACT 100033 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/10
100033_04_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Product
Description
Type
Order No.
Pcs./Pkt.
3-phase primary-switched power supply unit
QUINT-PS-3x400-500AC/24DC/10
29 38 61 7
1
Accessories
Description
Type
Order No.
Pcs./Pkt.
Assembly adapter for QUINT POWER 10 A on S7 300 rails
QUINT-PS-ADAPTERS7/2
29 38 20 6
1
Input Data
Nominal input voltage range
3 x 400...500 V AC
Input voltage range
320...575 V AC (for all three phases), 450...800 V DC
Frequency range
45...65 Hz (0 Hz at DC input)
Current consumption
0.63 A (for all three phases at 400 V AC (nominal load)), approximately
0.57 A (for all three phases at 480 V AC (nominal load)), approximately
Inrush current surge
< 15 A (typical), inrush current limiting/
Ι2t (25°C): < 4 A²s
Mains buffering (for nominal load)
> 40 ms (at 3 x 400 V AC), > 40 ms (at 3 x 480 V AC)
Typical switch-on time
< 1 s
Protective circuit
Transient surge protection varistor
Input fuse
External via 3 circuit breakers 6 A, 10 A or 16 A, Characteristic B
Recommended backup fuse
3 x circuit breaker 6 A, 10 A or 16 A, Characteristic B
Discharge current to PE
< 3.5 mA
Connection method
Screw connection
Stripping length
7 mm
Output Data
Nominal output voltage
24 V DC ±1%
Setting range for the output voltage
22.5...28.5 V DC
Output current
10 A (-25...+60°C)
15 A (with POWER BOOST, -25...+40°C)
Derating
Above +60°C: 2.5% per Kelvin
Current limit
IBOOST = 15 A (for short circuit), approximately
System deviation
< 1% (static load change 10...90%)
< 2% (dynamic load change 10...90%)
< 0.1% (input voltage change ±10%)
Power dissipation
Maximum nominal load
Maximum no load
28 W
4 W
Efficiency
> 90% for 230 V AC and nominal values
Rise time
< 2 ms (UOUT (10...90%))
Residual ripple/switching peaks (20 MHz)
< 100 mVpp (for nominal values)
Parallel connection
Yes, to create redundant systems and increase efficiency
Connection method
COMBICON screw/plug-in connection
Stripping length
7 mm
DC OK Signal Output, Active
Type of output
Transistor output, Uout > 0.9 x UN: High signal
Continuous current
40 mA, maximum
Output voltage
+24 V DC (signal)
DC OK Signal Output, Floating
Type of output
Relay contact, Uout > 0.9 x UN: Contact closed
Continuous current
1 A, maximum
Maximum switching voltage
30 V AC/DC, maximum


Similar Part No. - 100033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10003 ETC2-10003 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10003 ETC2-10003 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
Aries Electronics, Inc.
10003 ARIES-10003 Datasheet
829Kb / 2P
   Universal Test Socket Receptacle
logo
Heyco.
10003 HEYCO-10003 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
List of Unclassifed Man...
10003/15 ETC2-10003/15 Datasheet
1Mb / 14P
   Avago Aveon20mm range
More results

Similar Description - 100033

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
100036 PHOENIX-100036 Datasheet
817Kb / 11P
   QUINT-PS-3x400-500AC/24DC/40
2938633 PHOENIX-2938633 Datasheet
767Kb / 11P
   QUINT-PS-3x400-500AC/24DC/30
100034 PHOENIX-100034 Datasheet
800Kb / 11P
   QUINT-PS-3x400-500AC/24DC/20
2938594 PHOENIX-2938594 Datasheet
150Kb / 7P
   QUINT-PS-3X400-500AC/24DC/ 5
2938617 PHOENIX-2938617 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/10
11/05/2018
2938219 PHOENIX-2938219 Datasheet
323Kb / 10P
   QUINT-PS-3x400-500AC/48DC/10
2938646 PHOENIX-2938646 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/40
11/05/2018
2938727 PHOENIX-2938727 Datasheet
92Kb / 7P
   Power supply unit - QUINT-PS-3X400-500AC/24DC/20
11/05/2018
102126 PHOENIX-102126 Datasheet
618Kb / 12P
   QUINT-PS-24DC/24DC/10
2938222 PHOENIX-2938222 Datasheet
82Kb / 6P
   Power supply unit - QUINT-PS-3X400-500AC/48DC/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com