Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S15VB10W Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. S15VB10W
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier Reverse Voltage 100 to 1000V Forward Current 15.0 A
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo 

S15VB10W Datasheet(HTML) 1 Page - Leshan Radio Company

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
S15VB10W Thru S15VB100W
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 15.0 A
FEATURES
Plastic Package has Underwriters
Laboratory Flammability
Classification 94V-0
High current capacity with small
package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Item
Symbol
S15VB
10 W
S15VB
20W
S15VB
40W
S15VB
60W
S15VB
80W
S15VB
100W
Unit
Maximum repetitive voltage
VRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25℃
at rated DC blocking voltage TA=125℃
IR
5
500
µA
Average recified forward current 60Hz sine
wave,R-load with heatsink Tc=97℃
Io
15
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
250
A
Rating for Fusing (t<8.3ms)
I
2
t
300
A
2se
c
Dielectric strength Terminals to case, AC 1 minute
Current 1mA
Vdia
2.0
KV
Maximum instantaneous forward voltage at 12.5A
VF
1.05
V
Operating junction temperature
Tj
-40~150
Storage temperature
Tstg
-40~150
Mounting torque
Tor
Rating Torque : 1.2(Suggests 0.6~1.0)
N.m


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn