Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC273SJ Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MM74HC273SJ
Description  Octal D-Type Flip-Flops with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC273SJ Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HC273SJ Datasheet HTML 1Page - ON Semiconductor MM74HC273SJ Datasheet HTML 2Page - ON Semiconductor MM74HC273SJ Datasheet HTML 3Page - ON Semiconductor MM74HC273SJ Datasheet HTML 4Page - ON Semiconductor MM74HC273SJ Datasheet HTML 5Page - ON Semiconductor MM74HC273SJ Datasheet HTML 6Page - ON Semiconductor MM74HC273SJ Datasheet HTML 7Page - ON Semiconductor MM74HC273SJ Datasheet HTML 8Page - ON Semiconductor MM74HC273SJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005331
www.fairchildsemi.com
September 1983
Revised May 2005
MM74HC273
Octal D-Type Flip-Flops with Clear
General Description
The MM74HC273 edge triggered flip-flops utilize advanced
silicon-gate CMOS technology to implement D-type flip-
flops. They possess high noise immunity, low power, and
speeds comparable to low power Schottky TTL circuits.
This device contains 8 master-slave flip-flops with a com-
mon clock and common clear. Data on the D input having
the specified setup and hold times is transferred to the Q
output on the LOW-to-HIGH transition of the CLOCK input.
The CLEAR input when LOW, sets all outputs to a low
state.
Each output can drive 10 low power Schottky TTL equiva-
lent loads. The MM74HC273 is functionally as well as pin
compatible to the 74LS273. All inputs are protected from
damage due to static discharge by diodes to VCC and
ground.
Features
■ Typical propagation delay: 18 ns
■ Wide operating voltage range
■ Low input current: 1
PA maximum
■ Low quiescent current: 80
PA (74 Series)
■ Output drive: 10 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Order Number
Package Number
Package Description
MM74HC273WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HC273SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC273MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC273N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn