Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC273SJ Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MM74HC273SJ
Description  Octal D-Type Flip-Flops with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC273SJ Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HC273SJ Datasheet HTML 1Page - ON Semiconductor MM74HC273SJ Datasheet HTML 2Page - ON Semiconductor MM74HC273SJ Datasheet HTML 3Page - ON Semiconductor MM74HC273SJ Datasheet HTML 4Page - ON Semiconductor MM74HC273SJ Datasheet HTML 5Page - ON Semiconductor MM74HC273SJ Datasheet HTML 6Page - ON Semiconductor MM74HC273SJ Datasheet HTML 7Page - ON Semiconductor MM74HC273SJ Datasheet HTML 8Page - ON Semiconductor MM74HC273SJ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC
5V, TA 25qC, CL 15 pF, tr tf 6 ns
AC Electrical Characteristics
CL
50 pF, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2f  I
CC VCC, and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating Frequency
50
30
MHz
tPHL, tPLH
Maximum Propagation
18
27
ns
Delay, Clock to Output
tPHL
Maximum Propagation
18
27
ns
Delay, Clear to Output
tREM
Minimum Removal Time,
10
20
ns
Clear to Clock
ts
Minimum Setup Time
10
20
ns
Data to Clock
tH
Minimum Hold Time
20
ns
Clock to Data
tW
Minimum Pulse Width
10
16
ns
Clock or Clear
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
2.0V
16
5
4
3
MHz
Frequency
4.5V
74
27
21
18
MHz
6.0V
78
31
24
20
MHz
tPHL, tPLH
Maximum Propagation
2.0V
38
135
170
205
ns
Delay, Clock to Output
4.5V
14
27
34
41
ns
6.0V
12
23
29
35
ns
tPHL
Maximum Propagation
2.0V
42
135
170
205
ns
Delay, Clear to Output
4.5V
19
27
34
41
ns
6.0V
18
23
29
35
ns
tREM
Minimum Removal Time
2.0V
0
25
32
37
ns
Clear to Clock
4.5V
0
5
6
7
ns
6.0V
0
4
5
6
ns
ts
Minimum Setup Time
2.0V
26
100
125
150
ns
Data to Clock
4.5V
7
20
25
30
ns
6.0V
5
17
21
25
ns
tH
Minimum Hold Time
2.0V
15
0
0
0
ns
Clock to Data
4.5V
60
0
0
ns
6.0V
40
0
0
ns
tW
Minimum Pulse Width
2.0V
34
80
100
120
ns
Clock or Clear
4.5V
11
16
20
24
ns
6.0V
10
14
18
20
ns
tr, tf
Maximum Input Rise and
2.0V
1000
1000
1000
ns
Fall Time, Clock
4.5V
500
500
500
ns
6.0V
400
400
400
ns
tTHL, tTLH
Maximum Output Rise
2.0V
28
75
95
110
ns
and Fall Time
4.5V
11
15
19
22
ns
6.0V
9
13
16
19
ns
CPD
Power Dissipation
(per flip-flop)
45
pF
Capacitance (Note 5)
CIN
Maximum Input
7
10
10
10
pF
Capacitance


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn