Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC273 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MM74HC273
Description  Octal D-Type Flip-Flops with Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC273 Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HC273 Datasheet HTML 1Page - ON Semiconductor MM74HC273 Datasheet HTML 2Page - ON Semiconductor MM74HC273 Datasheet HTML 3Page - ON Semiconductor MM74HC273 Datasheet HTML 4Page - ON Semiconductor MM74HC273 Datasheet HTML 5Page - ON Semiconductor MM74HC273 Datasheet HTML 6Page - ON Semiconductor MM74HC273 Datasheet HTML 7Page - ON Semiconductor MM74HC273 Datasheet HTML 8Page - ON Semiconductor MM74HC273 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC
5V, TA 25qC, CL 15 pF, tr tf 6 ns
AC Electrical Characteristics
CL
50 pF, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2f  I
CC VCC, and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating Frequency
50
30
MHz
tPHL, tPLH
Maximum Propagation
18
27
ns
Delay, Clock to Output
tPHL
Maximum Propagation
18
27
ns
Delay, Clear to Output
tREM
Minimum Removal Time,
10
20
ns
Clear to Clock
ts
Minimum Setup Time
10
20
ns
Data to Clock
tH
Minimum Hold Time
20
ns
Clock to Data
tW
Minimum Pulse Width
10
16
ns
Clock or Clear
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
fMAX
Maximum Operating
2.0V
16
5
4
3
MHz
Frequency
4.5V
74
27
21
18
MHz
6.0V
78
31
24
20
MHz
tPHL, tPLH
Maximum Propagation
2.0V
38
135
170
205
ns
Delay, Clock to Output
4.5V
14
27
34
41
ns
6.0V
12
23
29
35
ns
tPHL
Maximum Propagation
2.0V
42
135
170
205
ns
Delay, Clear to Output
4.5V
19
27
34
41
ns
6.0V
18
23
29
35
ns
tREM
Minimum Removal Time
2.0V
0
25
32
37
ns
Clear to Clock
4.5V
0
5
6
7
ns
6.0V
0
4
5
6
ns
ts
Minimum Setup Time
2.0V
26
100
125
150
ns
Data to Clock
4.5V
7
20
25
30
ns
6.0V
5
17
21
25
ns
tH
Minimum Hold Time
2.0V
15
0
0
0
ns
Clock to Data
4.5V
60
0
0
ns
6.0V
40
0
0
ns
tW
Minimum Pulse Width
2.0V
34
80
100
120
ns
Clock or Clear
4.5V
11
16
20
24
ns
6.0V
10
14
18
20
ns
tr, tf
Maximum Input Rise and
2.0V
1000
1000
1000
ns
Fall Time, Clock
4.5V
500
500
500
ns
6.0V
400
400
400
ns
tTHL, tTLH
Maximum Output Rise
2.0V
28
75
95
110
ns
and Fall Time
4.5V
11
15
19
22
ns
6.0V
9
13
16
19
ns
CPD
Power Dissipation
(per flip-flop)
45
pF
Capacitance (Note 5)
CIN
Maximum Input
7
10
10
10
pF
Capacitance


Similar Part No. - MM74HC273

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
107Kb / 8P
   Octal D-Type Flip-Flops with Clear
MM74HC273M FAIRCHILD-MM74HC273M Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
MM74HC273MTC FAIRCHILD-MM74HC273MTC Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
MM74HC273MTC FAIRCHILD-MM74HC273MTC Datasheet
107Kb / 8P
   Octal D-Type Flip-Flops with Clear
More results

Similar Description - MM74HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
SN54HC273 TI1-SN54HC273_16 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com