Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA0900 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SA0900
Description  For low-frequency Power amplification Complementary
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0900 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SA0900 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0900 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0900 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: April 2003
SJD00004BED
2SA0900 (2SA900)
Silicon PNP epitaxial planar type
For low-frequency Power amplification
Complementary to 2SC1868
■ Features
• Low collector-emitter saturation voltage V
CE(sat)
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
1: Emitter
2: Collector
3: Base
TO-126B-A1 Package
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC =
−10 µA, I
E = 0
−20
V
Collector-emitter voltage (Base open)
VCEO
IC = −1 mA, IB = 0
−18
V
Emitter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−5V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −10 V, I
E
= 0
−1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −18 V, IB = 0
−10
µA
Forward current transfer ratio
hFE1 *
VCE = −2 V, IC = −500 mA
130
280
hFE2
VCE
= −2 V, I
C
= −1.5 A
50
Collector-emitter saturation voltage
VCE(sat)
IC = −1 A, IB = −50 mA
− 0.5
V
Base-emitter saturation voltage
VBE(sat)
IC = −500 mA, IB = −50 mA
−1.2
V
Transition frequency
fT
VCB
= −6 V, I
E
= 50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB =
−6 V, I
E = 0, f = 1 MHz
40
pF
(Common base, input open circuited)
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−20
V
Collector-emitter voltage (Base open)
VCEO
−18
V
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−1A
Peak collector current
ICP
−2A
Collector power dissipation
PC
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Note) The part numbers in the parenthesis show conventional part number.
Rank
R
S
hFE1
130 to 210
180 to 280
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1


Similar Part No. - 2SA0900

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0914 PANASONIC-2SA0914 Datasheet
69Kb / 3P
   For audio system/pli drive
2SA0921 PANASONIC-2SA0921 Datasheet
71Kb / 3P
   For high breakdown voltage low-noise amplification Complementary
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
More results

Similar Description - 2SA0900

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
2SA0777 PANASONIC-2SA0777 Datasheet
81Kb / 4P
   For low-frequency driver amplification Complementary
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
2SC2209 PANASONIC-2SC2209 Datasheet
71Kb / 4P
   For low-frequency power amplification
2SA0885 PANASONIC-2SA0885 Datasheet
73Kb / 4P
   For low-frequency power amplification
2SB0942 PANASONIC-2SB0942 Datasheet
75Kb / 3P
   For Low-Frequency Power Amplification
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com