Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA0719 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SA0719
Description  For low-frequency power amplification and driver amplification Complementary
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0719 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SA0719 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0719 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0719 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0719 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA0719, 2SA0720
2
SJC00002CED
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
0
160
40
120
80
140
20
100
60
0
800
600
200
500
700
400
100
300
Ambient temperature T
a (°C)
0
−12
−10
−8
−2
−6
−4
0
−1200
−1000
−800
−600
−400
−200
Ta
= 25°C
− 0.9 mA
− 0.8 mA
− 0.7 mA
− 0.6 mA
− 0.5 mA
− 0.4 mA
− 0.3 mA
− 0.2 mA
− 0.1 mA
IB
= −1.0 mA
Collector-emitter voltage V
CE (V)
0
−10
−8
−2
−6
−4
0
−800
−600
−200
−500
−700
−400
−100
−300
VCE
= −10 V
Ta
= 25°C
Base current I
B (mA)
−1
−10
−100
−1000
− 0.001
− 0.01
− 0.1
−1
−10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
−1
−10
−100
−1000
− 0.01
− 0.1
−1
−10
−100
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (mA)
− 0.01
− 0.1
−1
−10
0
600
500
400
300
200
100
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
1
10
100
0
240
200
160
120
80
40
VCB
= −10 V
Ta
= 25°C
Emitter current I
E (mA)
−1
−10
−100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
110
100
1 000
0
−120
−100
−80
−60
−40
−20
IC
= −2 mA
Ta
= 25°C
2SA0720
2SA0719
Base-emitter resistance R
BE (kΩ)


Similar Part No. - 2SA0719

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
2SA0777 PANASONIC-2SA0777 Datasheet
81Kb / 4P
   For low-frequency driver amplification Complementary
2SA0794 PANASONIC-2SA0794 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type
2SA0794A PANASONIC-2SA0794A Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SA0719

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
2SA0777 PANASONIC-2SA0777 Datasheet
81Kb / 4P
   For low-frequency driver amplification Complementary
2SA0900 PANASONIC-2SA0900 Datasheet
71Kb / 3P
   For low-frequency Power amplification Complementary
2SD0973A PANASONIC-2SD0973A Datasheet
82Kb / 4P
   For Low-Frequency Driver Amplification
2SD0968A PANASONIC-2SD0968A Datasheet
72Kb / 3P
   For Low-Frequency Driver Amplification
2SC1317 PANASONIC-2SC1317 Datasheet
67Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SA719 PANASONIC-2SA719 Datasheet
47Kb / 3P
   Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com