![]() |
Electronic Components Datasheet Search |
|
MSC23V43257D Datasheet(PDF) 1 Page - OKI electronic componets |
|
MSC23V43257D Datasheet(HTML) 1 Page - OKI electronic componets |
1 / 10 page ![]() Semiconductor MSC23V43257D-xxBS8 4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO This version: Apr. 13. 1999 DESCRIPTION The MSC23V43257D-xxBS8 is a 4,194,304-word x 32-bit CMOS dynamic random access memory module which is composed of eight 16Mb(4Mx4) DRAMs in TSOP packages mounted with eight decoupling capacitors. This is an 100-pin dual in-line memory module. This module supports any application where high density and large capacity of storage memory are required. FEATURES · 4,194,304-word x 32-bit organization · 100-pin Dual In-line Memory Module · Gold tab · Single 3.3V power supply, ±0.3V tolerance · Input : LVTTL compatible · Output : LVTTL compatible, 3-state · Refresh : 2048cycles/32ms · /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability · Fast page mode with EDO, read modify write capability · Multi-bit test mode capability · Serial Presence Detect PRODUCT FAMILY Access Time (Max.) Power Dissipation (Max.) Family tRAC tAA tCAC tOEA Cycle Time (Min.) Operating Standby MSC23V43257D-50BS8 50ns 25ns 13ns 13ns 84ns 2880mW MSC23V43257D-60BS8 60ns 30ns 15ns 15ns 104ns 2592mW MSC23V43257D-70BS8 70ns 35ns 20ns 20ns 124ns 2304mW 14.4mW |