Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6547 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6547
Description  SWITCHMODE Series NPN Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6547 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6547 Datasheet HTML 1Page - ON Semiconductor 2N6547 Datasheet HTML 2Page - ON Semiconductor 2N6547 Datasheet HTML 3Page - ON Semiconductor 2N6547 Datasheet HTML 4Page - ON Semiconductor 2N6547 Datasheet HTML 5Page - ON Semiconductor 2N6547 Datasheet HTML 6Page - ON Semiconductor 2N6547 Datasheet HTML 7Page - ON Semiconductor 2N6547 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2N6547
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
100
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
50
30
20
1.4
Figure 2. Collector Saturation Region
IC, COLLECTOR CURRENT (AMP)
1.0
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 5.0
2.0
Figure 3. “On” Voltages
IB, COLLECTOR CURRENT (AMP)
0
0.07
0.2 0.3
0.5
1.0
7.0
1.6
70
TJ = 150°C
25°C
-55°C
TJ = 25°C
IC = 2.0 A
10 A
2.5
Figure 4. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0
-2.5
θVB for VBE
VC for VCE(sat)
*APPLIES FOR IC/IB v
hFE @VCE + 2.0V
3
VBE(on) @ VCE = 2.0 V
1.2
0.8
0.1
0.7
1.2
0.8
0.4
1.5
-1.0
-1.5
10
7.0
0.2 0.3
1.0
2.0 3.0
20
5.0 A
2.0
5.0
VCE(sat) @ IC/IB = 5
0.2 0.3
1.0
7.0
0.5
2.0 3.0
20
0.5
1.0
2.0 3.0
10
0.7
7.0
5.0
20
0.3
0.2
-55°C to 25°C
25°C to 150°C
25°C to 150°C
VCE = 2.0 V
VCE = 10 V
0.5
5.0 7.0 10
3.0
15 A
0.5
5.0
10
-0.5
-2.0
-55°C to 25°C
3.0 k
Figure 5. Turn–On Time
IC, COLLECTOR CURRENT (AMP)
0.02
20
VCC = 250 V
IC/IB = 5.0
TJ = 25°C
1.0
0.1
2.0
tr
td @ VBE(off) = 5.0 V
30
2.0 k
1.0 k
700
500
300
200
100
70
50
0.05
10
0.2
0.5
Figure 6. Turn–Off Time
IC, COLLECTOR CURRENT (AMP)
VCC = 250 V
IC/IB = 5.0
IB1 = IB2
TJ = 25°C
ts
tf
10 k
7.0 k
5.0 k
3.0 k
2.0 k
1.0 k
700
500
100
300
200
5.0
0.02
20
1.0
0.1
2.0
0.05
10
0.2
0.5
5.0


Similar Part No. - 2N6547

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6547 MOSPEC-2N6547 Datasheet
211Kb / 4P
   POWER TRANSISTORS(15A,175W)
logo
New Jersey Semi-Conduct...
2N6547 NJSEMI-2N6547 Datasheet
114Kb / 1P
   15 AMPERE NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
182Kb / 6P
   NPN SILICON POWER TRANSISTORS
April, 2001 ??Rev. 6
logo
Savantic, Inc.
2N6547 SAVANTIC-2N6547 Datasheet
159Kb / 4P
   Silicon NPN Power Transistors
logo
Boca Semiconductor Corp...
2N6547 BOCA-2N6547 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results

Similar Description - 2N6547

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
   SWITCHMODE Series NPN Silicon Power Transistors
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P_15 Datasheet
424Kb / 9P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com