Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RK1055032 Datasheet(PDF) 3 Page - TEMEX

Part No. RK1055032
Description  Missions where TID limit of 72/100 kRad and latch-up free till 32.4/62 MeV are required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK1055032 Datasheet(HTML) 3 Page - TEMEX

  RK1055032 Datasheet HTML 1Page - TEMEX RK1055032 Datasheet HTML 2Page - TEMEX RK1055032 Datasheet HTML 3Page - TEMEX RK1055032 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HIGH RELIABILITY RADIATION TOLERANT COTS XO | SPACE SOLUTIONS
Date: 20 Jul 2018
Issue: Shortform, 51001204.110, Issue A1
Specifications subject to change without notice
Page 3 of 4
www.rakon.com
Requests can be emailed to: hirel@rakon.com
7.
Screening Options
Screening Operation
Requirements and Condition
Options
EM
FM0
FM1
FM2
Stabilization bake (prior to seal)
MIL-STD-883 method 1008, conduction C
24h@150°C
24h@150°C
24h@150°C
Thermal shocks
MIL-STD-883, method 1011, condition A
Temperature cycling
MIL-STD-883, method 1010, condition B
Constant acceleration
MIL-STD-883, method 1010, condition A
Acceleration: 5000g, curing 60s in direction Y1
PIND test
MIL-STD-883, method 2020, condition B
Seal test
Fine leak: MIL-STD-883, method 1014, condition A2
Gross leak: CEI 68-2-17 Test Qc, Method 1
Pre burn-in measurement
Following the guidelines of MIL-PRF-55310,
§4.8.5, §4.8.6, §4.8.11, and §4.8.20
4
5
5
Burn-in
Temperature: +125°C
Pressure: Patm
Supply Voltage: Vcc nom
Load: Load nom
160h min.
160h min.
Post burn-in measurement
Following the guidelines of MIL-PRF-55310
PDA
20%
10%
External visual Inspection
MIL-STD-883, Method 2009
8.
Ordering Part Example
4 Electrical verification.
5 MIL-STD-105E general inspection level | AQL level 1.0.
► 100 pcs batch: test on 13 pcs / 0 rejected. ► 500 pcs batch: test on 20 pcs / 0 reject accepted. ► 1000 pcs batch: test on 50 pcs / 1 reject accepted.
Product Family
RK105 5032 = Radiation
tolerant. 5 x 3.2 mm XO
Output Waveform
CMOS = CMOS. LVDS = LVDS. PECL = LVPECL
Frequency Stability Type
FVT = Frequency stability over temperature range
AFD = Absolute Frequency Drift
Frequency (Fout)
100M = 100 MHz
R K 1 0 5 5 0 3 2 C M O S - I - 3 - A F D - F M 1 - 1 0 0 M
Temperature Range
I = Industry (-40°C to +85°C). M = Military (-55°C to 125°C)
Radiation Tolerance/Screening Option
EM = – / No screening
FM0 = Radiation tolerant
FM1 = Radiation tolerant / MIL-STD-105E
FM2 = Radiation tolerant / 100%
Supply Voltage
2 = 2.5 V. 3 = 3.3 V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn