Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RK1055032 Datasheet(PDF) 1 Page - TEMEX

Part No. RK1055032
Description  Missions where TID limit of 72/100 kRad and latch-up free till 32.4/62 MeV are required
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

RK1055032 Datasheet(HTML) 1 Page - TEMEX

  RK1055032 Datasheet HTML 1Page - TEMEX RK1055032 Datasheet HTML 2Page - TEMEX RK1055032 Datasheet HTML 3Page - TEMEX RK1055032 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HIGH RELIABILITY RADIATION TOLERANT COTS XO | SPACE SOLUTIONS
Date: 20 Jul 2018
Issue: Shortform, 51001204.110, Issue A1
Specifications subject to change without notice
Page 1 of 4
www.rakon.com
Requests can be emailed to: hirel@rakon.com
RK105 5032
This radiation tolerant 5 x 3.2 mm hermetically sealed SMD XO is specifically designed for missions where resistance to demanding
environment, short lead-time and radiation tolerance are required. It combines a very low RMS phase jitter, tight frequency stability and is
available with different types of FM screening options.
1.
Environmental Conditions
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
Operating temperature
Option I: -40°C to 85°C
Option M: -55°C to 125°C
-40
-55
25
25
85
125
°C
Switch-on temperature
TS0
-55
125
°C
Non-operating temperature
TNOP
-55
125
°C
Mechanical shock
MIL-STD-883, Method 2002 (1500 g, 0.5 ms)
Humidity
After 48 hours at 85°C ±2°, 85% relative humidity non-condensing
Temperature cycling
MIL-STD-883, Method 1010.8 (-55°C, +125°C, 1000 cycles)
Vibration
MIL-STD-883, Method 2007 (20 g, 3 different axis, 4 times)
Gross and fine leak
MIL-STD-883, Method 1014
RoHS compliant
Yes
Radiation:
Products have been tested up to
the following levels without any
events
TID
(LDR as per ESCC22900)
SEL
(MeV/mg/cm2)
SET
(MeV/mg/cm2)
SEFI
(MeV/mg/cm2)
CMOS
100 kRad
32.4
20
62.5
LVDS
72 kRad
32.4
10
62.5
LVPECL
72 kRad
62.5
10
62.5
2.
Frequency Characteristics
Parameter
Condition / Remarks
Min.
Typ.
Max.
Unit
AFD1 option
Option I: -40°C to 85°C
Option M: -55°C to 125°C
±50
±75
ppm
Initial frequency accuracy (FVT2 option)
±15
ppm
Frequency stability over temperature (FVT)
Option I: -40°C to 85°C
Option M: -55°C to 125°C
±30
±50
ppm
Supply voltage stability (FVT)
Over operating temperature
±3
ppm
Load sensitivity (FVT)
Over operating temperature
±5
ppm
Ageing (FVT)
Over 10 years
±15
ppm
Start-up time
10
ms
1 AFD: Absolute Frequency Drift. It includes initial accuracy + temperature range + supply variation + load variation + ageing over 10 years.
2 FVT: Frequency Vs. Temperature.
Features
Applications
5.0 x 3.2 mm
Free from export restrictions
TID limit of 72/100 kRad and
latch-up free till 32.4/62 MeV
Hermetically sealed package
Frequency range: 8-1500 MHz
Low consumption: 30 mA
Supply voltage: 2.5 or 3.3 V
AFD1 ±50 ppm over -40°C
to +85°C
Different screening options
Missions where TID limit
of 72/100 kRad and latch-
up free till 32.4/62 MeV
are required
Rugged environment


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn