Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSH01 Datasheet(PDF) 8 Page - TEMEX

Part # DSH01
Description  Pulse compression RADAR RF pulse expander FMCW RADAR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

DSH01 Datasheet(HTML) 8 Page - TEMEX

  DSH01 Datasheet HTML 1Page - TEMEX DSH01 Datasheet HTML 2Page - TEMEX DSH01 Datasheet HTML 3Page - TEMEX DSH01 Datasheet HTML 4Page - TEMEX DSH01 Datasheet HTML 5Page - TEMEX DSH01 Datasheet HTML 6Page - TEMEX DSH01 Datasheet HTML 7Page - TEMEX DSH01 Datasheet HTML 8Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DIGITAL SYNTHESIZER MODULE | SYSTEM SOLUTIONS
Issue: A0, 24 Sep 2018
Copyright © 2018 Rakon Limited. All rights reserved
Specifications subject to change without notice
Page 8 of 8
www.rakon.com
Specific requests can be emailed to Rakon: hirel@rakon.com
7.
Model Outline and Mechanical Features
Fig 16: DS H01 Model Outline Drawing
Model outline
With connectors: 174x131x54 mm3 typ.
Without connectors: 166x131x54 mm3 typ.
Unit weight
0.6 kg max.
Material
AG4.5MC
Treatment
Ni20 / Zn1
Screws
A4-70 stainless steel
8.
Interfaces Description and Pin-out
Pin
Connections
Description
J8
Mod Output / I Output
IQ Modulator Output or I Output
3 GHz ~ 4 GHz or 100 kHz ~ 500 MHz; AC, 50 Ω, SMA connector
J15
Q Output
Q Output
100 kHz ~ 500 MHz; AC, 50 Ω, SMA connector
J20
CLK DAC Ext
Clock input for DDS or reference clock
2 GHz or 20 ~ 250 MHz; AC, 50 Ω, SMA connector
J22
CLK Mod Ext
Clock input for IQ Modulator or reference clock
3200 ~ 3800 MHz or 20 ~ 250 MHz; AC, 50 Ω, SMA connector
P1-1, P1-22
VCC
15 V power supply input
P1: MIL-C-24308 25-pin SubD Connector
P1-14, P1-15
GND POW
Power supply ground
P1-3 to P1-5
P1-7 to P1-9
P1-16 to P1-19
P1-21, P1-22
CTRL Inputs
Input signals for control
RS-422 compatible input / TTL input; 120 Ω differential impedance
P1-10, P1-11
P1-23, P1-24
CTRL Outputs
Output signals for control
RS-422 compatible output / TTL output
P1-12, P1-25
BITE
BITE output
Open drain or dry contact; Indicates unit OK or NOK
P1-6, P1-13
GND
Mechanical ground
P3
JTAG
JTAG interface for program download
MOLEX type 87833-1420 connector


Similar Part No. - DSH01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSH015 SANYO-DSH015 Datasheet
49Kb / 2P
   High-Speed Switching Diode
More results

Similar Description - DSH01

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
   Pulse Burst Radar Level Transmitter
R95-510A-110 MAGNETROL-R95-510A-110 Datasheet
1Mb / 16P
   Pulse Burst Radar Level Transmitter
R82-510A-011 MAGNETROL-R82-510A-011 Datasheet
1Mb / 12P
   Model R82 Pulse Burst Radar Level Transmitter
logo
List of Unclassifed Man...
PH1214-6M ETC1-PH1214-6M Datasheet
89Kb / 1P
   RADAR PULSED POWER TRANSISTOR, 6W, 100us PULSE, 10% DUTY
logo
Tyco Electronics
PH2731-5M MACOM-PH2731-5M Datasheet
154Kb / 2P
   Radar Pulsed Power Transistor, 5W, IOOps Pulse, 10% Duty
logo
Analog Devices
ADF5902 AD-ADF5902 Datasheet
498Kb / 39P
   24 GHz, ISM Band, Multichannel FMCW Radar Transmitter
logo
Texas Instruments
AWR1642 TI1-AWR1642 Datasheet
3Mb / 84P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
AWR1843 TI1-AWR1843 Datasheet
2Mb / 77P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Radar Sensor
logo
TEMEX
CIF0405 TEMEX-CIF0405 Datasheet
595Kb / 8P
   Digital pulse compression module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com