Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8PE002 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # Z8PE002
Description  FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8PE002 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button Z8PE002 Datasheet HTML 39Page - Zilog, Inc. Z8PE002 Datasheet HTML 40Page - Zilog, Inc. Z8PE002 Datasheet HTML 41Page - Zilog, Inc. Z8PE002 Datasheet HTML 42Page - Zilog, Inc. Z8PE002 Datasheet HTML 43Page - Zilog, Inc. Z8PE002 Datasheet HTML 44Page - Zilog, Inc. Z8PE002 Datasheet HTML 45Page - Zilog, Inc. Z8PE002 Datasheet HTML 46Page - Zilog, Inc. Z8PE002 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Z8PE002
ZiLOG
Z8Plus OTP Microcontroller
DS008700-Z8X0799
P R E L I M I N A R Y
43
I/O PORT RESET CONDITIONS
Full Reset
Port A and Port B output value registers are not affected by
RESET
.
On RESET, the Port A and Port B directional control reg-
isters are cleared to all zeros, which defines all pins in both
ports as inputs.
On RESET, the directional control registers redefine all pins
as inputs, and the Port A and Port B input value registers
overwrites the previously held data with the current sample
of the input pins.
On RESET, the Port A and Port B special function registers
are cleared to 00h, which deactivates all port special func-
tions.
Note: The SMR and WDT time-out events are
not full device
resets. The port control registers are not affected by ei-
ther of these events.
ANALOG COMPARATOR
The device includes one on-chip analog comparator. Pin
PB4
features a comparator front end. The comparator ref-
erence voltage is on pin PB3.
Comparator Description
The on-chip comparator can process an analog signal on
PB4
with reference to the voltage on PB3. The analog func-
tion is enabled by programming the Port B special function
register bits 3 and 4.
When the analog comparator function is enabled, bit 4 of
the input register is defined as holding the synchronized out-
put of the comparator, while bit 3 retains a synchronized
sample of the reference input.
If the interrupts for PB4 are enabled when the comparator
special function is selected, the output of the comparator
generates interrupts.
COMPARATOR OPERATION
The comparator output reflects the relationship between the
analog input to the reference input. If the voltage on the an-
alog input is higher than the voltage on the reference input,
then the comparator output is at a High state. If the voltage
on the analog input is lower than the voltage on the reference
input, then the analog output is at a Low state.
Comparator Definitions
VICR
The usable voltage range for the positive input and
reference input is called the Comparator Input Common
Mode Voltage Range (VICR).
Note: The comparator is not guaranteed to work if the input is
outside of the VICR range.
VOFFSET
The absolute value of the voltage between the positive input
and the reference input required to make the comparator
output voltage switch is the Comparator Input Offset Volt-
age (VOFFSET).
IIO
For the CMOS voltage comparator input, the input offset current
(IIO) is the leakage current of the CMOS input gate.
HALT Mode
The analog comparator is functional during HALT mode. If
the interrupts are enabled, an interrupt generated by the
comparator causes a return from HALT mode.
STOP Mode
The analog comparator is disabled during STOP mode. The
comparator is powered down to prevent it from drawing any
current.
Low Voltage Protection.
An on-board Voltage Compar-
ator checks that the VCC is at the required level to ensure
correct operation of the device. A reset is globally driven
if VCC is below the specified voltage (Low Voltage Protec-
tion).
The device functions normally at or above 3.0V under all
conditions, and is guaranteed to function normally at supply
voltages above the Low Voltage Protection trip point. Be-
low 3.0V, the device functions normally until the Low Volt-


Similar Part No. - Z8PE002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8PE002PZ010SC ETC-Z8PE002PZ010SC Datasheet
69Kb / 1P
   electronics
Z8PE002SZ010SC ETC-Z8PE002SZ010SC Datasheet
69Kb / 1P
   electronics
More results

Similar Description - Z8PE002

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8PE003 ZILOG-Z8PE003 Datasheet
539Kb / 48P
   FEATURE-ENHANCED Z8PLUS 1K ROM ONE-TIME PROGRAMMABLE (OTP) MICROCONTROLLER
logo
National Semiconductor ...
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
OKI electronic componet...
MSM66P54 OKI-MSM66P54 Datasheet
298Kb / 22P
   One-Time Programmable (OTP) Speech Synthesizer
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
STMicroelectronics
ST27128AP STMICROELECTRONICS-ST27128AP Datasheet
570Kb / 10P
   128K (16Kx8) NMOS ONE TIME PROGRAMMABLE ROM
JUNE 1988
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP87L88RG NSC-COP87L88RG Datasheet
438Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com