Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TW30SX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. TW30SX
Description  Features of the TW30SX UV Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TW30SX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ultraviolet selective thin film sensor
TW30SX
Rev. 1.4
Page 3 [4]
General Characteristics
(Ta = 25 °C)
Parameter
Symbol
Value
Unit
Active area
A
4,18
mm
2
Active area dimensions
L x W
2.2 x 1.9
mm
2
Max. viewing angle
α
70
degree
Shunt resistance
(dark)
Rs
300
M
Dark current at
10mV reverse bias
Id
30
pA
Open circuit voltage
(200
µW/cm2, λ=300nm)
V0
>250
mV
Short circuit current
(200
µW/cm2, λ=300nm)
I0
175
nA
Breakdown voltage
(dark)
VBR
> 3
V
Spectral Characteristics
(Ta = 25 °C)
Parameter
Symbol
garanteed
Value
Unit
Max. spectral sensitivity
Smax
21
mA W
-1
Wavelength of max. spectral sensitivity
λSmax
300
nm
Range of spectral sensitivity
(S=0.1*Smax)
-
215 – 387
nm
Visible blindness
50
nm
400
max
S
S


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn