TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP550 is an IndustryPack
compatible module and
provides 8 or 4 channels of isolated 12 bit analog outputs.
The
settling
time
to
0.01%
is
13µs
typical.
The
programmable output voltage range is +/-10V or 0-10V
selectable by jumper. The isolated DAC and the output
buffer are powered by an on board DC/DC converter.
Each
TIP550
is
factory
calibrated.
The
calibration
information is stored in the Identification-PROM unique to
each IP.
For
First-Time-Buyers
the
engineering
documentation
TIP550-ED
is
recommended.
The
engineering
documentation includes TIP550-DOC, schematics and data
sheets.
Driver support (TIP550-SW-xx) for different operating
systems is available.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 8 (4) channels of isolated 12 bit analog output
! Full-scale output range +/-10 V or 0-10V selectable by
jumper
! Factory calibrated, calibration information in Identification-
PROM unique to each IP
! Operating temperature -40°C to +85°C
ID-PROM
Control &
Interface
DC/DC
Converter
12 bit DAC
4 Channels
12 bit DAC
4 Channels
Order Information
TIP550-10
8 Channels of Isolated 12 bit Analog Output
TIP550-11
4 Channels of Isolated 12 bit Analog Output
TIP550-DOC
User Documentation
TIP550-ED
Engineering Documentation, includes
TIP550-DOC
TIP550-SW-12
OS-9 Software Support
TIP550-SW-32
pSOS Software Support
TIP550-SW-42
VxWorks Software Support
TIP550-SW-62
Windows NT 4.0 Software Support
TIP550-SW-72
LynxOS Software Support
TIP550-SW-82
LiNUX Software Support
TIP550-SW-92
QNX 4 Software Support
TIP550-SW-95
QNX 6 Software Support
TIP550 8 (4) Channels of Isolated 12 bit D/A Conversion