Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC8462 Datasheet(PDF) 27 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC8462
Description  Dual Integrated 100-Mbit Ethernet PHY
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC8462 Datasheet(HTML) 27 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC8462 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 26Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 27Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 28Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 29Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 30Page - TRINAMIC Motion Control GmbH & Co. KG. TMC8462 Datasheet HTML 31Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 204 page
background image
TMC8462 Datasheet • Document Revision V1.4 • 2018-May -09
27 / 204
5.2
MFC IO Control Interface
The MFC IO block of the TMC8462 comes with a dedicated SPI slave interface to allow direct access from
a local application controller. It is called MFC CTRL SPI interface. This interface to the MFC IO block’s
functions is always available, even if the EtherCAT state machine is currently not in operational state (OP).
Protocol structure and timing are identical to the PDI SPI.
The MFC Control SPI is a SPI mode 3 slave with low active chip select. The SPI clock frequency can be up to
30MHz. The following diagram shows all signals related to the MFC CTRL SPI interface.
Figure 12: MFC control signals
TMC8462 pin
Description
Typical pin on a MCU
MFC_CTRL_SPI_CSN
SPI chip select for the TMC8462 PDI
SSx
MFC_CTRL_SPI_SCK
SPI master clock
SCK
MFC_CTRL_SPI_MOSI
Master out slave in data
MOSI
MFC_CTRL_SPI_MISO
Master in slave out data
MISO
MFC_IRQ
Con gurable IRQ from MFC IO block
General purpose Input
PDI_SHARED_BUS
0: separate SPI buses for PDI and MFC CTRL; 1:
shared/common SPI bus for PDI and MFC CTRL
with 2 CSN signals using the PDI SPI bus. The SPI
bus signals MFC_CTRL_SPI_SCK,
MFC_CTRL_SPI_MISO, MFC_CTRL_SPI_MOSI can
be left open in this case
General purpose Output
or connected to either
ground or 3.3V.
Table 5: MFC CTRL SPI signal description
5.2.1
SPI Protocol description
The protocol of the MFC CTRL SPI is the same as the PDI SPI interface (see section 5.1.1) The addresses for
register access are calculated using the register number and the byte number in each register. To calculate
the address, the register number is shifted left by 4 bits and the byte number is added as the 4 lowest bits.
Access using the 3 byte addressing mode is possible, and can be used when 2 byte mode is not imple-
mented for the PDI SPI but since the highest bits of the address are always 0, accessing the MFC Control
SPI via 2 byte mode is su
cient.
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com


Similar Part No. - TMC8462

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8460-BI TRINAMIC-TMC8460-BI Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8460-EVAL TRINAMIC-TMC8460-EVAL Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
TMC8461 TRINAMIC-TMC8461 Datasheet
11Mb / 204P
   2 MII Interfaces for external Ethernet PHY
TMC8461-BA TRINAMIC-TMC8461-BA Datasheet
11Mb / 204P
   2 MII Interfaces for external Ethernet PHY
More results

Similar Description - TMC8462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE10A STMICROELECTRONICS-STE10A Datasheet
795Kb / 82P
   PCI 10/100 Ethernet controller with integrated PHY (3.3V)
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
Microchip Technology
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
   Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com