Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5161 Datasheet(PDF) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5161
Description  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 Datasheet(HTML) 21 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5161 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 22Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 23Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 24Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 25Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
TMC5161 DATASHEET (Rev. 1.01 / 2018-NOV-20)
21
www.trinamic.com
4.3 Timing
The SPI interface is synchronized to the internal system clock, which limits the SPI bus clock SCK to
half of the system clock frequency. If the system clock is based on the on-chip oscillator, an additional
10% safety margin must be used to ensure reliable data transmission. All SPI inputs as well as the
ENN input are internally filtered to avoid triggering on pulses shorter than 20ns. Figure 4.1 shows the
timing parameters of an SPI bus transaction, and the table below specifies their values.
CSN
SCK
SDI
SDO
tCC
tCC
tCL
tCH
bit39
bit38
bit0
bit39
bit38
bit0
tDO
tZC
tDU
tDH
tCH
Figure 4.1 SPI timing
Hint
Usually this SPI timing is referred to as SPI MODE 3
SPI interface timing
AC-Characteristics
clock period: tCLK
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SCK valid before or after change
of CSN
tCC
10
ns
CSN high time
tCSH
*) Min time is for
synchronous CLK
with SCK high one
tCH before CSN high
only
tCLK*)
>2tCLK+10
ns
SCK low time
tCL
*) Min time is for
synchronous CLK
only
tCLK*)
>tCLK+10
ns
SCK high time
tCH
*) Min time is for
synchronous CLK
only
tCLK*)
>tCLK+10
ns
SCK frequency using internal
clock
fSCK
assumes minimum
OSC frequency
4
MHz
SCK frequency using external
16MHz clock
fSCK
assumes
synchronous CLK
8
MHz
SDI setup time before rising
edge of SCK
tDU
10
ns
SDI hold time after rising edge
of SCK
tDH
10
ns
Data out valid time after falling
SCK clock edge
tDO
no capacitive load
on SDO
tFILT+5
ns
SDI, SCK and CSN filter delay
time
tFILT
rising and falling
edge
12
20
30
ns


Similar Part No. - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5161-EVAL TRINAMIC-TMC5161-EVAL Datasheet
1Mb / 9P
   2-phase stepper motor up to 3.5A coil current (4.9A peak)
More results

Similar Description - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com