Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5161 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5161
Description  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC5161 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
POWER DRIVER FOR STEPPER MOTORS
INTEGRATED CIRCUITS
TRINAMIC Motion Control GmbH & Co. KG
Hamburg, Germany
TMC5161 DATASHEET
FEATURES AND BENEFITS
2-phase stepper motors up to 3.5A RMS coil current
Step/Dir Interface with 3D optimized interpolation microPlyer™
Motion Controller with sixPoint™ramp as intelligent peripheral
Voltage Range 8 … 40V DC (55V peak)
Low RDSon integrated 45mΩ MOSFETs
SPI & Single Wire UART
Encoder Interface and 2x Ref.-Switch Input
Highest Resolution 256 microsteps per full step
stealthChop2™ for quiet operation and smooth motion
Resonance Dampening for mid-range resonances
spreadCycle™ highly dynamic motor control chopper
dcStep™ load dependent speed control
stallGuard2™ high precision sensorless motor load detection
coolStep™ current control for energy savings up to 75%
Passive Braking and freewheeling mode
Full Protection & Diagnostics
Compact Size 10x10mm2 aQFN
APPLICATIONS
High-speed 3D Printers
Robotics & Industrial Drives
Packing Machines
Textile, Sewing Machines
Lab & Office Automation
Medical Drives
Liquid Handling
Office Automation
CCTV
ATM, Cash Recycler
CNC Machines
DESCRIPTION
The TMC5161 is a highly compact stepper
motor controller and driver IC. Its power
stage is optimized for lowest power dis-
sipation and highest dynamics with
Nema 17 and Nema 23 motors. It com-
bines a flexible ramp generator for auto-
matic target positioning with industries’
most advanced stepper motor driver.
Based
on
TRINAMICs
sophisticated
spreadCycle and stealthChop choppers, it
ensures absolutely noiseless operation
combined with maximum efficiency and
best motor torque. High integration, high
energy efficiency and a small form factor
enable miniaturized and scalable systems
for cost effective solutions. The complete
solution reduces learning curve to a
minimum while giving best performance
in class. Interface-compatible to TMC5160.
Compact, low power-dissipation Driver & Controller for two-phase stepper motors. stealthChop™ for
quiet movement. Up to 5.5A peak coil current. With Step/Dir Interface and SPI.
BLOCK DIAGRAM
Diff. Sensing
spreadCycle
stealthChop
MOTION CONTROLLER
with Linear 6 Point
RAMP Generator
MOSFET
Power
Stage
TMC5161
Programmable
256 µStep
Sequencer
Protection
& Diagnostics
Ref. Switches
SPI
stallGuard2
coolStep
dcStep
Power
Supply
Charge
Pump
ABN
Motor
Encoder Unit
Step/Dir
Step Multiplyer
spreadCycle
stealthChop
Reference Switch
Processing
Interrupts
Position
Pulse Output
UART
Single Wire
SPI to
Master
UART
CLK
CLK
Oscillator / Selector
+VM
RSENSE
1 of 2 full bridges
shown


Similar Part No. - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5161-EVAL TRINAMIC-TMC5161-EVAL Datasheet
1Mb / 9P
   2-phase stepper motor up to 3.5A coil current (4.9A peak)
More results

Similar Description - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com