Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5161 Datasheet(PDF) 66 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5161
Description  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 Datasheet(HTML) 66 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5161 Datasheet HTML 62Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 63Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 64Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 65Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 66Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 67Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 68Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 69Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 70Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
TMC5161 DATASHEET (Rev. 1.01 / 2018-NOV-20)
66
www.trinamic.com
ability of the chopper to follow a changing motor current. Further the duration of the on phase and
the fast decay must be longer than the blanking time, because the current comparator is disabled
during blanking.
It is easiest to find the best setting by starting from a low hysteresis setting (e.g. HSTRT=0, HEND=0)
and increasing HSTRT, until the motor runs smoothly at low velocity settings. This can best be
checked when measuring the motor current either with a current probe or by probing the sense
resistor voltages (see Figure 8.2). Checking the sine wave shape near zero transition will show a small
ledge between both half waves in case the hysteresis setting is too small. At medium velocities (i.e.
100 to 400 fullsteps per second), a too low hysteresis setting will lead to increased humming and
vibration of the motor.
Figure 8.2 No ledges in current wave with sufficient hysteresis (magenta: current A, yellow &
blue: sense resistor voltages A and B)
A too high hysteresis setting will lead to reduced chopper frequency and increased chopper noise but
will not yield any benefit for the wave shape.
Quick Start
For a quick start, see the Quick Configuration Guide in chapter 22.
For detail procedure see Application Note AN001 - Parameterization of spreadCycle
As experiments show, the setting is quite independent of the motor, because higher current motors
typically also have a lower coil resistance. Therefore choosing a low to medium default value for the
hysteresis (for example, effective hysteresis = 4) normally fits most applications. The setting can be
optimized by experimenting with the motor: A too low setting will result in reduced microstep
accuracy, while a too high setting will lead to more chopper noise and motor power dissipation.
When measuring the sense resistor voltage in motor standstill at a medium coil current with an
oscilloscope, a too low setting shows a fast decay phase not longer than the blanking time. When
the fast decay time becomes slightly longer than the blanking time, the setting is optimum. You can
reduce the off-time setting, if this is hard to reach.
The hysteresis principle could in some cases lead to the chopper frequency becoming too low, e.g.
when the coil resistance is high when compared to the supply voltage. This is avoided by splitting
the hysteresis setting into a start setting (HSTRT+HEND) and an end setting (HEND). An automatic
hysteresis decrementer (HDEC) interpolates between both settings, by decrementing the hysteresis
value stepwise each 16 system clocks. At the beginning of each chopper cycle, the hysteresis begins
with a value which is the sum of the start and the end values (HSTRT+HEND), and decrements during
the cycle, until either the chopper cycle ends or the hysteresis end value (HEND) is reached. This way,


Similar Part No. - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5161-EVAL TRINAMIC-TMC5161-EVAL Datasheet
1Mb / 9P
   2-phase stepper motor up to 3.5A coil current (4.9A peak)
More results

Similar Description - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com