Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5161 Datasheet(PDF) 46 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5161
Description  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 Datasheet(HTML) 46 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5161 Datasheet HTML 42Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 43Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 44Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 45Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 46Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 47Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 48Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 49Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 50Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
TMC5161 DATASHEET (Rev. 1.01 / 2018-NOV-20)
46
www.trinamic.com
6.5.1 MSLUTSEL – Look up Table Segmentation Definition
0X68: MSLUTSEL – LOOK UP TABLE SEGMENTATION DEFINITION
Bit
Name
Function
Comment
31
X3
LUT segment 3 start
The sine wave look up table can be divided into up to
four segments using an individual step width control
entry Wx. The segment borders are selected by X1, X2
and X3.
Segment 0 goes from 0 to X1-1.
Segment 1 goes from X1 to X2-1.
Segment 2 goes from X2 to X3-1.
Segment 3 goes from X3 to 255.
For defined response the values shall satisfy:
0<X1<X2<X3
30
29
28
27
26
25
24
23
X2
LUT segment 2 start
22
21
20
19
18
17
16
15
X1
LUT segment 1 start
14
13
12
11
10
9
8
7
W3
LUT width select from
ofs(X3) to ofs255
Width control bit coding W0…W3:
%00:
MSLUT entry 0, 1 select: -1, +0
%01:
MSLUT entry 0, 1 select: +0, +1
%10:
MSLUT entry 0, 1 select: +1, +2
%11:
MSLUT entry 0, 1 select: +2, +3
6
5
W2
LUT width select from
ofs(X2) to ofs(X3-1)
4
3
W1
LUT width select from
ofs(X1) to ofs(X2-1)
2
1
W0
LUT width select from
ofs00 to ofs(X1-1)
0


Similar Part No. - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5161-EVAL TRINAMIC-TMC5161-EVAL Datasheet
1Mb / 9P
   2-phase stepper motor up to 3.5A coil current (4.9A peak)
More results

Similar Description - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com