Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC5161 Datasheet(PDF) 34 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC5161
Description  Compact, low power-dissipation Driver & Controller for two-phase stepper motors.
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC5161 Datasheet(HTML) 34 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC5161 Datasheet HTML 30Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 31Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 32Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 33Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 34Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 35Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 36Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 37Page - TRINAMIC Motion Control GmbH & Co. KG. TMC5161 Datasheet HTML 38Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
TMC5161 DATASHEET (Rev. 1.01 / 2018-NOV-20)
34
www.trinamic.com
6.2 Velocity Dependent Driver Feature Control Register Set
VELOCITY DEPENDENT DRIVER FEATURE CONTROL REGISTER SET (0X10…0X1F)
R/W
Addr
n
Register
Description / bit names
W
0x10
5
+
5
+
4
IHOLD_IRUN
Bit
IHOLD_IRUN – Driver current control
4..0 IHOLD
Standstill current (0=1/32…31=32/32)
In combination with stealthChop mode, setting
IHOLD=0 allows to choose freewheeling or coil
short circuit for motor stand still.
12..8 IRUN
Motor run current (0=1/32…31=32/32)
Hint: Choose sense resistors in a way, that normal
IRUN is 16 to 31 for best microstep performance.
19..16 IHOLDDELAY
Controls the number of clock cycles for motor
power down after a motion as soon as standstill is
detected (stst=1) and TPOWERDOWN has expired.
The smooth transition avoids a motor jerk upon
power down.
0:
instant power down
1..15:
Delay per current reduction step in multiple
of 2^18 clocks
W
0x11
8
TPOWER
DOWN
TPOWERDOWN sets the delay time after stand still (stst) of the
motor to motor current power down. Time range is about 0 to
4 seconds.
Attention: A minimum setting of 2 is required to allow
automatic tuning of stealthChop PWM_OFFS_AUTO.
Reset Default = 10
0…((2^8)-1) * 2^18 tCLK
R
0x12
20
TSTEP
Actual measured time between two 1/256 microsteps derived
from the step input frequency in units of 1/fCLK. Measured
value is (2^20)-1 in case of overflow or stand still.
All TSTEP related thresholds use a hysteresis of 1/16 of the
compare value to compensate for jitter in the clock or the step
frequency. The flag small_hysteresis modifies the hysteresis to
a smaller value of 1/32.
(Txxx*15/16)-1 or
(Txxx*31/32)-1 is used as a second compare value for each
comparison value.
This means, that the lower switching velocity equals the
calculated setting, but the upper switching velocity is higher as
defined by the hysteresis setting.
When working with the motion controller, the measured TSTEP
for a given velocity V is in the range
(224 / V) ≤ TSTEP ≤ 224 / V - 1.
In dcStep mode TSTEP will not show the mean velocity of the
motor, but the velocities for each microstep, which may not be
stable and thus does not represent the real motor velocity in
case it runs slower than the target velocity.


Similar Part No. - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5161-EVAL TRINAMIC-TMC5161-EVAL Datasheet
1Mb / 9P
   2-phase stepper motor up to 3.5A coil current (4.9A peak)
More results

Similar Description - TMC5161

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC5130A-TA TRINAMIC-TMC5130A-TA_17 Datasheet
2Mb / 128P
   POWER DRIVER FOR STEPPER MOTORS
TMC261-PA TRINAMIC-TMC261-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
TMC2041-LA TRINAMIC-TMC2041-LA Datasheet
2Mb / 66P
   POWER DRIVER FOR STEPPER MOTORS
TMC262 TRINAMIC-TMC262 Datasheet
1Mb / 58P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130-LA TRINAMIC-TMC2130-LA Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC2100-LA TRINAMIC-TMC2100-LA_17 Datasheet
1Mb / 48P
   POWER DRIVER FOR STEPPER MOTORS
TMC2224-LA TRINAMIC-TMC2224-LA Datasheet
2Mb / 79P
   POWER DRIVER FOR STEPPER MOTORS
TMC2130_LA TRINAMIC-TMC2130_LA_17 Datasheet
2Mb / 103P
   POWER DRIVER FOR STEPPER MOTORS
TMC5072 TRINAMIC-TMC5072_17 Datasheet
2Mb / 107P
   POWER DRIVER FOR STEPPER MOTORS
TMC260-PA TRINAMIC-TMC260-PA Datasheet
1Mb / 53P
   POWER DRIVER FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com