Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8401 Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

Part # STM8401
Description  Dual Enhancement Mode Field Effect Transistor(N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8401 Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button STM8401 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8401 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PAC K AG E OUT LINE DIME NS IONS
S O-8
10
S Y MB OLS
MIN
MIN
0.053
0.004
0.189
0.150
0.228
0.016
1.35
0.10
4.80
3.81
5.79
0.41
MAX
MAX
0.069
0.010
0.196
0.157
0.244
0.050
1.75
0.25
4.98
3.99
6.20
1.27
MILLIME T E R S
INC HE S
A
A1
D
E
H
L
1
e
B
H
E
L
D
0.05 TYP.
0.016 TYP.
0.008
TYP.
0.015X45°
S T M8401


Similar Part No. - STM8401

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8403 SAMHOP-STM8403 Datasheet
843Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STM8405 VBSEMI-STM8405 Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STM8401

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM7350 CET-CEM7350_08 Datasheet
547Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEU4269 CET-CEU4269_10 Datasheet
590Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM2030A CET-CEM2030A Datasheet
847Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
logo
SamHop Microelectronics...
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
   Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STU313D SAMHOP-STU313D Datasheet
247Kb / 11P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
logo
CET-MOS Technology Corp...
CEM23189 CET-MOS-CEM23189 Datasheet
866Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2014.July
CEM6589 CET-MOS-CEM6589 Datasheet
894Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 2. 2017.July
logo
Chino-Excel Technology
CEM8958 CET-CEM8958 Datasheet
835Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM9939 CET-CEM9939 Datasheet
754Kb / 9P
   Dual Enhancement Mode Field Effect Transistor(N and P Channel)
CEM11C2 CET-CEM11C2 Datasheet
59Kb / 9P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
CEM7350 CET-CEM7350 Datasheet
183Kb / 7P
   Dual Enhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com