Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23S4641E Datasheet(PDF) 3 Page - OKI electronic componets

Part No. MSC23S4641E
Description  4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK):
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC23S4641E Datasheet(HTML) 3 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MSC23S4641E-8BS16 (98.06.22)
PIN CONFIGURATION
Front side
Back side
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VSS
85
VSS
43
VSS
127
VSS
2
DQ0
86
DQ32
44
N.C
128
CKE0
3
DQ1
87
DQ33
45
/CS2
129
/CS3
4
DQ2
88
DQ34
46
DQMB2
130
DQMB6
5
DQ3
89
DQ35
47
DQMB3
131
DQMB7
6
VCC
90
VCC
48
N.C
132
N.C
7
DQ4
91
DQ36
49
VCC
133
VCC
8
DQ5
92
DQ37
50
N.C
134
N.C
9
DQ6
93
DQ38
51
N.C
135
N.C
10
DQ7
94
DQ39
52
N.C
136
N.C
11
DQ8
95
DQ40
53
N.C
137
N.C
12
VSS
96
VSS
54
VSS
138
VSS
13
DQ9
97
DQ41
55
DQ16
139
DQ48
14
DQ10
98
DQ42
56
DQ17
140
DQ49
15
DQ11
99
DQ43
57
DQ18
141
DQ50
16
DQ12
100
DQ44
58
DQ19
142
DQ51
17
DQ13
101
DQ45
59
VCC
143
VCC
18
VCC
102
VCC
60
DQ20
144
DQ52
19
DQ14
103
DQ46
61
N.C
145
N.C
20
DQ15
104
DQ47
62
N.C
146
N.C
21
N.C
105
N.C
63
CKE1
147
N.C
22
N.C
106
N.C
64
VSS
148
VSS
23
VSS
107
VSS
65
DQ21
149
DQ53
24
N.C
108
N.C
66
DQ22
150
DQ54
25
N.C
109
N.C
67
DQ23
151
DQ55
26
VCC
110
VCC
68
VSS
152
VSS
27
/WE
111
/CAS
69
DQ24
153
DQ56
28
DQMB0
112
DQMB4
70
DQ25
154
DQ57
29
DQMB1
113
DQMB5
71
DQ26
155
DQ58
30
/CS0
114
/CS1
72
DQ27
156
DQ59
31
N.C
115
/RAS
73
VCC
157
VCC
32
VSS
116
VSS
74
DQ28
158
DQ60
33
A0
117
A1
75
DQ29
159
DQ61
34
A2
118
A3
76
DQ30
160
DQ62
35
A4
119
A5
77
DQ31
161
DQ63
36
A6
120
A7
78
VSS
162
VSS
37
A8
121
A9
79
CLK2
163
CLK3
38
A10
122
A11(BA0)
80
N.C
164
N.C
39
N.C
123
N.C
81
WP
165
SA0
40
VCC
124
VCC
82
SDA
166
SA1
41
VCC
125
CLK1
83
SCL
167
SA2
42
CLK0
126
N.C
84
VCC
168
VCC
Pin Name
Function
Pin Name
Function
VCC
Power Supply (3.3V)
/WE
Write Enable
VSS
Ground (0V)
DQMB#
Data Input/Output Mask
CLK#
System Clock
DQ#
Data Input/Output
/CS#
Chip Select
WP
Write Protect
CKE#
Clock Enable
SDA
Data I/O for SPD
A0-A10
Address
SCL
CLK input for SPD
A11
Bank Select Address
SA#
Socket Position Address for SPD
/RAS
Row Address Strobe
N.C
No Connection
/CAS
Column Address Strobe


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn