Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5089 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5089
Description  Amplifier Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5089 Datasheet(HTML) 2 Page - ON Semiconductor

  2N5089 Datasheet HTML 1Page - ON Semiconductor 2N5089 Datasheet HTML 2Page - ON Semiconductor 2N5089 Datasheet HTML 3Page - ON Semiconductor 2N5089 Datasheet HTML 4Page - ON Semiconductor 2N5089 Datasheet HTML 5Page - ON Semiconductor 2N5089 Datasheet HTML 6Page - ON Semiconductor 2N5089 Datasheet HTML 7Page - ON Semiconductor 2N5089 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5088 2N5089
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 µAdc, VCE = 5.0 Vdc)
2N5088
2N5089
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
2N5088
2N5089
(IC = 10 mAdc, VCE = 5.0 Vdc)(2)
2N5088
2N5089
hFE
300
400
350
450
300
400
900
1200
Collector–Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
0.5
Vdc
Base–Emitter On Voltage
(IC = 10 mAdc, VCE = 5.0 Vdc)(2)
VBE(on)
0.8
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 500 µAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
50
MHz
Collector–Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Ccb
4.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
10
pF
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
2N5088
2N5089
hfe
350
450
1400
1800
Noise Figure
(IC = 100 µAdc, VCE = 5.0 Vdc, RS = 1.0 kΩ,
2N5088
f = 1.0 kHz)
2N5089
NF
3.0
2.0
dB
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5089 ONSEMI-2N5089 Datasheet
281Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 1
logo
Samsung semiconductor
2N5089 SAMSUNG-2N5089 Datasheet
32Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N5089 FAIRCHILD-2N5089 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
logo
Micro Electronics
2N5089 MICRO-ELECTRONICS-2N5089 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
logo
Central Semiconductor C...
2N5089 CENTRAL-2N5089 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
More results

Similar Description - 2N5089

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com