Electronic Components Datasheet Search |
|
2N3906RL1 Datasheet(PDF) 5 Page - ON Semiconductor |
|
2N3906RL1 Datasheet(HTML) 5 Page - ON Semiconductor |
5 / 8 page 2N3906 http://onsemi.com 5 TYPICAL STATIC CHARACTERISTICS Figure 13. DC Current Gain IC, COLLECTOR CURRENT (mA) 0.3 0.5 0.7 1.0 2.0 0.2 0.1 0.5 2.0 3.0 10 50 70 0.2 0.3 0.1 100 1.0 0.7 200 30 20 5.0 7.0 VCE = 1.0 V TJ = +125°C +25°C -55°C Figure 14. Collector Saturation Region IB, BASE CURRENT (mA) 0.4 0.6 0.8 1.0 0.2 0.1 0.5 2.0 3.0 10 0.2 0.3 0 1.0 0.7 5.0 7.0 IC = 1.0 mA TJ = 25°C 0.07 0.05 0.03 0.02 0.01 10 mA 30 mA 100 mA Figure 15. “ON” Voltages IC, COLLECTOR CURRENT (mA) 0.4 0.6 0.8 1.0 0.2 Figure 16. Temperature Coefficients IC, COLLECTOR CURRENT (mA) 1.0 2.0 5.0 10 20 50 0 100 -0.5 0 0.5 1.0 0 60 80 120 140 160 180 20 40 100 200 -1.0 -1.5 -2.0 200 TJ = 25°C VBE(sat) @ IC/IB = 10 VCE(sat) @ IC/IB = 10 VBE @ VCE = 1.0 V +25°C TO +125°C -55°C TO +25°C +25°C TO +125°C -55°C TO +25°C qVC FOR VCE(sat) qVB FOR VBE(sat) |
Similar Part No. - 2N3906RL1 |
|
Similar Description - 2N3906RL1 |