Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23CV43257A Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSC23CV43257A
Description  4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV43257A Datasheet(HTML) 6 Page - OKI electronic componets

  MSC23CV43257A Datasheet HTML 1Page - OKI electronic componets MSC23CV43257A Datasheet HTML 2Page - OKI electronic componets MSC23CV43257A Datasheet HTML 3Page - OKI electronic componets MSC23CV43257A Datasheet HTML 4Page - OKI electronic componets MSC23CV43257A Datasheet HTML 5Page - OKI electronic componets MSC23CV43257A Datasheet HTML 6Page - OKI electronic componets MSC23CV43257A Datasheet HTML 7Page - OKI electronic componets MSC23CV43257A Datasheet HTML 8Page - OKI electronic componets MSC23CV43257A Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MSC23CV43257A-xxBS8
¡ Semiconductor
350
DC Characteristics
All other pins not
Parameter
MSC23CV43257A
MSC23CV43257A
Unit
Condition
Input Leakage Current
Note
ILI
µA
1, 2
Min.
–80
Max.
80
Min.
–80
Max.
80
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Symbol
0 V £ VI £ VCC + 0.3 V;
under test = 0 V
DOUT disable
0 V £ VO £ 3.6 V
IOH = –2.0 mA
IOL = 2.0 mA
RAS, CAS cycling,
tRC = Min.
RAS, CAS = VIH
RAS, CAS
≥ VCC –0.2 V
RAS cycling,
CAS = VIH,
tRC = Min.
RAS cycling,
CAS before RAS,
tRC = Min.
RAS = VIL,
CAS cycling,
tHPC = Min.
Output Leakage Current
Output High Voltage
Output Low Voltage
Average Power
Supply Current
(Operating)
Power Supply
Current (Standby)
Supply Current
(RAS-only Refresh)
Average Power
Supply Current
(CAS before RAS Refresh)
Average Power
Supply Current
(Fast Page Mode)
Average Power
ILO
VOH
VOL
ICC1
ICC2
ICC3
ICC6
ICC7
µA
–10
10
–10
10
V
2.4
VCC
2.4
VCC
V
0
0.4
0
0.4
mA
960
880
mA
—16—16
mA
—8—8
mA
960
880
mA
960
880
mA
1120
1040
1
1
1, 2
1, 2
1, 3
-60BS8
-70BS8
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. Address can be changed once or less while RAS=VIL.
3. Address can be changed once or less while CAS=VIH.


Similar Part No. - MSC23CV43257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23CV43257D OKI-MSC23CV43257D Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-60BS8 OKI-MSC23CV43257D-60BS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-70BS8 OKI-MSC23CV43257D-70BS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC23CV43257A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23432A OKI-MSC23432A Datasheet
576Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TA OKI-MSC23V47257TA Datasheet
60Kb / 5P
   4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com