Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12BFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V657S12BFGI
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12BFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  70V657S12BFGI Datasheet HTML 1Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 2Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 3Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 4Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 5Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 6Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 7Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 8Page - Integrated Device Technology 70V657S12BFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Configurations(3,4,5,6,7,8)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
70V659/58/57DR
DR-208(7)
208-Pin PQFP
Top View(8)
I/O19L
I/O19R
I/O20L
I/O20R
VDDQL
VSS
I/O21L
I/O21R
I/O22L
I/O22R
VDDQR
VSS
I/O23L
I/O23R
I/O24L
I/O24R
VDDQL
VSS
I/O25L
I/O25R
I/O26L
I/O26R
VDDQR
VSS
VDD
VDD
VSS
VSS
VDDQL
VSS
I/O27R
I/O27L
I/O28R
I/O28L
VDDQR
VSS
I/O29R
I/O29L
I/O30R
I/O30L
VDDQL
VSS
I/O31R
I/O31L
I/O32R
I/O32L
VDDQR
VSS
I/O33R
I/O33L
I/O34R
I/O34L
I/O16L
I/O16R
I/O15L
I/O15R
VSS
VDDQL
I/O14L
I/O14R
I/O13L
I/O13R
VSS
VDDQR
I/O12L
I/O12R
I/O11L
I/O11R
VSS
VDDQL
I/O10L
I/O10R
I/O9L
I/O9R
VSS
VDDQR
VDD
VDD
VSS
VSS
VSS
VDDQL
I/O8R
I/O8L
I/O7R
I/O7L
VSS
VDDQR
I/O6R
I/O6L
I/O5R
I/O5L
VSS
VDDQL
I/O4R
I/O4L
I/O3R
I/O3L
VSS
VDDQR
I/O2R
I/O2L
I/O1R
I/O1L
4869 drw 02a
03/19/04
NOTES:
1. Pin is a NC for IDT70V658 and IDT70V657.
2. Pin is a NC for IDT70V657.
3. All VDD pins must be connected to 3.3V power supply.
4. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (3.3V) and 2.5V if OPT pin for that port is
set to VSS (0V).
5. All VSS pins must be connected to ground.
6. Package body is approximately 28mm x 28mm x 3.5mm.
7. This package code is used to reference the package diagram.
8. This text does not indicate orientation of the actual part-marking.


Similar Part No. - 70V657S12BFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12BFGI RENESAS-70V657S12BFGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
70V657S12BFGI8 RENESAS-70V657S12BFGI8 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12BFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com