Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 10 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 10Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 11Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 12Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
10
Timing Waveform of Write Cycle No. 1, R/W Controlled Timing(1,5,8)
NOTES:
1. R/W or CE must be HIGH during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of a LOW CE and a LOW R/W for memory array writing cycle.
3. tWR is measured from the earlier of CE or R/W (or SEM or R/W) going HIGH to the end of write cycle.
4. During this period, the I/O pins are in the output state and input signals must not be applied.
5. If the CE or SEM LOW transition occurs simultaneously with or after the R/W LOW transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal is asserted last, CE or R/W.
7. This parameter is guaranteed by device characterization, but is not production tested. Transition is measured 0mV from steady state with the Output Test Load (Figure
2).
8. If OE is LOW during R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off and data to be placed
on the bus for the required tDW. If OE is HIGH during an R/W controlled write cycle, this requirement does not apply and the write pulse can be as short as the specified
tWP.
9. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tEW must be met for either condition.
Timing Waveform of Write Cycle No. 2, CE Controlled Timing(1,5)
CE or SEM(9)
R/
W
tWC
tHZ
(7)
tAW
tWR
(3)
tAS
(6)
tWP
(2)
DATAOUT
tWZ
(7)
tDW
tDH
tOW
OE
ADDRESS
DATAIN
(4)
(4)
2738 drw 09
2738 drw 10
tWC
tAS
(6)
tWR
(3)
tDW
tDH
ADDRESS
DATAIN
CE or SEM(9)
R/
W
tAW
tEW
(2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn