Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 9 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 10Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 11Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 12Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
9
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. To access RAM, CE = VIL, SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage
and temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5)
Symbol
Parameter
7005X15
Com'l Only
7005X17
Com'l Only
7005X20
Com'l, Ind
& Military
7005X25
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
17
____
20
____
25
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
12
____
15
____
20
____
ns
tAW
Address Valid to End-of-Write
12
____
12
____
15
____
20
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
0
____
ns
tWP
Write Pulse Width
12
____
12
____
15
____
20
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
10
____
15
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
____
12
____
15
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
10
____
12
____
15
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
5
____
ns
2738 tbl 14a
Symbol
Parameter
7005X35
Com'l, Ind
& Military
7005X55
Com'l, Ind
& Military
7005X70
Military Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
35
____
55
____
70
____
ns
tEW
Chip Enable to End-of-Write(3)
30
____
45
____
50
____
ns
tAW
Address Valid to End-of-Write
30
____
45
____
50
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
0
____
ns
tWP
Write Pulse Width
25
____
40
____
50
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
30
____
40
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
____
30
ns
tDH
Data Hold Time(4)
0
____
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
15
____
25
____
30
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
0
____
ns
tSWRD
SEM Flag Write to Read Time
5
____
5
____
5
____
ns
tSPS
SEM Flag Contention Window
5
____
5
____
5
____
ns
2738 tbl 14b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn