Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 10Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Test Conditions
NOTES:
1. Transition is measured 0mV from Low or High impedance voltage with load (Figures 1 and 2).
2. This parameter is guaranteed but not production tested.
3. To access RAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL.
4. 'X' in part number indicates power rating (S or L).
Figure 1. AC Output Test Load
Figure 2. Output Test Load
(For tLZ, tHZ, tWZ, tOW)
*Including scope and jig
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
1250
30pF
775
DATAOUT
BUSY
INT
5V
5V
1250
5pF*
775
DATAOUT
2738 drw 06
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns Max.
1.5V
1.5V
Figures 1 and 2
2738 tbl 12
7005X15
Com'l Only
7005X17
Com'l Only
7005X20
Com'l, Ind
& Military
7005X25
Com'l &
Military
Unit
Symbol
Parameter
Min.
Max.Min.Max.Min.Max.Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
____
17
____
20
____
25
____
ns
tAA
Address Access Time
____
15
____
17
____
20
____
25
ns
tACE
Chip Enable Access Time(3)
____
15
____
17
____
20
____
25
ns
tAOE
Output Enable Access Time
____
10
____
10
____
12
____
13
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
____
12
____
15
ns
tPU
Chip Enable to Power Up Time(2,5)
0
____
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2,5)
____
15
____
17
____
20
____
25
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)
10
____
10
____
10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
15
____
17
____
20
____
25
ns
2738 tbl 13a
7005X35
Com'l, Ind
& Military
7005X55
Com'l, Ind
& Military
IDT7005X70
Military
Only
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
35
____
55
____
70
____
ns
tAA
Address Access Time
____
35
____
55
____
70
ns
tACE
Chip Enable Access Time(3)
____
35
____
55
____
70
ns
tAOE
Output Enable Access Time
____
20
____
30
____
35
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
25
____
30
ns
tPU
Chip Enable to Power Up Time(2,5)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2,5)
____
35
____
50
____
50
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)
15
____
15
____
15
____
ns
tSAA
Semaphore Address Access Time
____
35
____
55
____
70
ns
2738 tbl 13b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn