Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 2Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
6
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part number indicates power rating (S or L)
2. VCC = 5V, TA = +25°C and are not production tested. ICC DC = 120mA (typ)
3. At f = fMAX
, address and I/O'S are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND to 3V.
4. f = 0 means no address or control lines change.
5. Port "A" may be either left or right port. Port "B" is the port opposite port "A".
7005X15
Com'l Only
7005X17
Com'l Only
7005X20
Com'l, Ind
& Military
7005X25
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CE = VIL
, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
170
160
310
260
170
160
310
260
160
150
290
240
155
145
265
220
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
160
150
370
320
155
145
340
280
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
20
10
60
60
20
10
60
50
20
10
60
50
16
10
60
50
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
20
10
90
70
16
10
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(5)
Active Port Outputs Disabled
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
105
95
190
160
105
95
190
160
95
85
180
150
90
80
170
140
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
95
85
240
210
90
80
215
180
ISB3
Full Standby Current (Both
Ports - All CMOS Level
Inputs)
Both Ports CEL and
CER
> VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
5
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
100
90
170
140
100
90
170
140
90
80
155
130
85
75
145
120
mA
MIL &
IND
S
L
____
____
____
____
____
____
____
____
90
80
225
200
85
75
200
170
2738 tbl 10
7005X35
Com'l, Ind
& Military
7005X55
Com'l, Ind
& Military
7005X70
Military
Only
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Typ.(2)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE = VIL, Outputs Disabled
SEM = VIH
f = fMAX(3)
COM'L
S
L
150
140
250
210
150
140
250
210
____
____
____
____
mA
MIL &
IND
S
L
150
140
300
250
150
140
300
250
140
130
300
250
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL = CER = VIH
SEMR = SEML = VIH
f = fMAX(3)
COM'L
S
L
13
10
60
50
13
10
60
50
____
____
____
____
mA
MIL &
IND
S
L
13
10
80
65
13
10
80
65
10
8
80
65
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A" = VIL and CE"B" = VIH(5)
Active Port Outputs Disabled
f=fMAX(3)
SEMR = SEML = VIH
COM'L
S
L
85
75
155
130
85
75
155
130
____
____
____
____
mA
MIL &
IND
S
L
85
75
190
160
85
75
190
160
80
70
190
160
ISB3
Full Standby Current
(Both Ports - All
CMOS Level Inputs)
Both Ports CEL and
CER > VCC - 0.2V
VIN > VCC - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR = SEML > VCC - 0.2V
COM'L
S
L
1.0
0.2
15
5
1.0
0.2
15
5
____
____
____
____
mA
MIL &
IND
S
L
1.0
0.2
30
10
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A" < 0.2V and
CE"B" > VCC - 0.2V(5)
SEMR = SEML > VCC - 0.2V
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
S
L
80
70
135
110
80
70
135
110
____
____
____
____
mA
MIL &
IND
S
L
80
70
175
150
80
70
175
150
75
65
175
150
2738 tbl 11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn