Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 5 Page - Integrated Device Technology

  7005L70PFGB Datasheet HTML 1Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 2Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the 0perating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc < 2.0V input leakages are undefined.
Data Retention Waveform
Data Retention Characteristics Over All Temperature Ranges
(L Version Only) (VLC = 0.2V, VHC = VCC - 0.2V)
NOTES:
1. TA = +25°C, VCC = 2V, and are not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed by characterization, but is not production tested.
DATA RETENTION MODE
VCC
CE
2738 drw 05
4.5V
tCDR
tR
VIH
VDR
VIH
4.5V
VDR
2V
>
Symbol
Parameter
Test Conditions
7005S
7005L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current
CE = VIH
, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2738 tbl 08
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
VCC = 2V
2.0
___
___
V
ICCDR
Data Retention Current
CE > VHC
VIN > VHC or < VLC
Mil. & Ind.
___
100
4000
µA
Com'l.
___
100
1500
tCDR(3)
Chip Deselect to Data Retention Time
SEM > VHC
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2738 tbl 09


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn