Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 4 Page - Integrated Device Technology

  7005L70PFGB Datasheet HTML 1Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 2Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
4
Truth Table I: Non-Contention Read/Write Control
Recommended DC Operating
Conditions
Maximum Operating Temperature
and Supply Voltage(1,2)
Absolute Maximum Ratings(1)
Capacitance(1) (TA = +25°C, f = 1.0MHz)
Truth Table II: Semaphore Read/Write Control(1)
NOTE:
1. There are eight semaphore flags written to via I/O0 and read from I/O0 - I/O7. These eight semaphores are addressed by A0 - A2.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2
Industrial temperature: for specific speeds, packages and powers contact
your sales office.
NOTE:
1. A0L – A12L is not equal to A0R – A12R
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
maycausepermanentdamagetothedevice.Thisisastressratingonlyandfunctional
operation of the device at these or any other conditions above
thoseindicatedintheoperationalsectionsofthisspecificationisnotimplied.Exposureto
absolutemaximumratingconditionsforextendedperiodsmayaffectreliability.
2. VTERMmustnotexceedVcc+10%formorethan25%ofthecycletimeor10%maximum,
and is limited to < 20mA for the period of VTERM> Vcc+ 10%.
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. Theseparametersaredeterminedbydevicecharacterizationbutarenotproductiontested
(TQFPPackageonly).
2. 3dVreferencestheinterpolatedcapacitancewhentheinputandoutputsignalsswitchfrom
0Vto3Vorfrom3Vto0V.
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
L
H
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
2738 tbl 02
Inputs(1)
Outputs
Mode
CE
R/W
OE
SEM
I/O0-7
HH
L
L
DATAOUT
Read in Semaphore Flag Data Out
H
XL
DATAIN
Write I/Oo into Semaphore Flag
LX
X
L
____
Not Allowed
2738 tbl 03
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect to
GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature Under
Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output Current
50
50
mA
2738 tbl 04
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OCOV
5.0V
+ 10%
2738 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2738 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2738 tbl 07


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn