Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 3 Page - Integrated Device Technology

  7005L70PFGB Datasheet HTML 1Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 2Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Names
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately 1.18in x 1.18in x .16in.
4. This package code is used to reference the package diagram.
5. This text does not indicate oriention of the actual part-marking
Pin Configurations(1,2,3) (con't.)
2738 drw 04
51
50
48
46
44
42
40
38
36
53
55
57
59
61
63
65
67
68
66
13579
11
13
15
20
22
24
26
28
30
32
35
AB
C
D
EF
G
H
J
K
L
47
45
43
41
34
21
23
25
27
29
31
33
246810
12
14
16
18
19
17
56
58
60
62
64
11
10
09
08
07
06
05
04
03
02
01
52
54
49
39
37
A5L
INTL
N/C
SEML CEL
VCC
OEL
R/
WL
I/O0L
N/C
GND
GND
I/O0R
VCC
N/C
OER
R/
WR
SEMR
CER
GND BUSYR
BUSYL M/S
INTR
N/C
GND
A1R
N/C
N/C
INDEX
A4L
A2L
A0L
A3R
A2R
A4R
A5R
A7R
A6R
A9R
A8R
A11R
A10R
A12R
A0R
A7L
A6L
A3L
A1L
A9L
A8L
A11L
A10L
A12L
VCC
I/O2R
I/O3R I/O5R I/O6R
I/O1R
I/O4R I/O7R
I/O1L
I/O2L I/O4L
I/O7L
I/O3L I/O5L
I/O6L
7005G
G68(4,5)
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L
A0R - A12R
Address
I/O0L - I/O7L
I/O0R - I/O7R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
2738 tbl 01


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn