Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 2 Page - Integrated Device Technology

  7005L70PFGB Datasheet HTML 1Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 2Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 3Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 4Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 5Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 6Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 7Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Description
The IDT7005 is a high-speed 8K x 8 Dual-Port Static RAM. The
IDT7005isdesignedtobeusedasastand-alone64K-bitDual-PortRAM
or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-
more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM
approach in 16-bit or wider memory system applications results in full-
speed,error-freeoperationwithouttheneedforadditionaldiscretelogic.
This device provides two independent ports with separate control,
address,andI/Opinsthatpermitindependent,asynchronousaccessfor
reads or writes to any location in memory. An automatic power down
featurecontrolledbyCEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using CMOS high-performance technology, these de-
vicestypicallyoperateononly750mWofpower.Low-power(L)versions
offerbatterybackupdataretentioncapabilitywithtypicalpowerconsump-
tionof500µWfroma2Vbattery.
The IDT7005 is packaged in a ceramic 68-pin PGA, 68-pin PLCC
and a 64-pin thin quad flatpack, (TQFP). Military grade product is
manufacturedincompliancewithMIL-PRF-38535QMLmakingitideally
suitedtomilitarytemperatureapplicationsdemandingthehighestlevelof
performanceandreliability.
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. J68packagebodyisapproximately.95inx.95inx.12in.
PN64packagebodyisapproximately14mmx14mmx1.4mm.
4. Thispackagecodeisusedtoreferencethepackagediagram.
7005
PN64(4)
8
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
46 45 44 43 42 41 40 39 38 37 36 35 34
47
48
33
17
18
19
20
32
31
30
29
28
27
26
25
24
23
22
21
49
50
51
52
63
62
61
60
59
58
57
56
55
54
53
64
OEL
A5L
I/O1L
R/
WL
CEL
SEML
VCC
N/C
N/C
OER
CER
R/
WR
SEMR
A12R
GND
I/O6R
A11R
A10R
A9R
A8R
A7R
A6R
A5R
A6L
A7L
A8L
A9L
A10L
A11L
A12L
I/O0L
2738 drw 03
I/O7R
2738 drw 02
12
13
14
15
16
17
18
19
20
21
22
9
8
7
6
5
4
3
2
1
68
67
66
65
27
28
29
30
31
32
33
34
35
36
37
38
39
VCC
R/
WL
11 10
23
24
25
40
41
42
43
58
57
56
55
54
53
52
51
50
49
48
59 60
47
46
45
44
64
63
62
61
A12R
I/O7R
N/C
GND
OER
R/
WR
CER
OEL
SEML
CEL
N/C
I/O0L
I/O1L
7005J
J68(4)
N/C
A12L
N/C
A11R
N/C
A10R
A9R
A8R
A7R
A6R
A5R
A11L
A10L
A9L
A8L
A7L
A6L
N/C
SEMR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn