Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 19 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 14Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 15Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 16Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 17Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 18Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 19Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 20Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
19
Semaphore 1 could be defined as the indicator for the upper section of
memory.
To take a resource, in this example the lower 4K of Dual-Port RAM,
the processor on the left port could write and then read a zero in to
Semaphore0.Ifthistaskweresuccessfullycompleted(azerowasread
back rather than a one), the left processor would assume control of the
lower4K.Meanwhiletherightprocessorwasattemptingtogaincontrolof
theresourceaftertheleftprocessor,itwouldreadbackaoneinresponse
to the zero it had attempted to write into Semaphore 0. At this point, the
softwarecouldchoosetotryandgaincontrolofthesecond4Ksectionby
writing,thenreadingazerointoSemaphore1.Ifitsucceededingaining
control,itwouldlockouttheleftside.
Once the left side was finished with its task, it would write a one to
Semaphore 0 and may then try to gain access to Semaphore 1. If
Semaphore1wasstilloccupiedbytherightside,theleftsidecouldundo
itssemaphorerequestandperformothertasksuntilitwasabletowrite,then
readazerointoSemaphore1.Iftherightprocessorperformsasimilartask
withSemaphore0,thisprotocolwouldallowthetwoprocessorstoswap
4K blocks of Dual-Port RAM with each other.
The blocks do not have to be any particular size and can even be
variable, depending upon the complexity of the software using the
semaphoreflags.AlleightsemaphorescouldbeusedtodividetheDual-
Port RAM or other shared resources into eight parts. Semaphores can
evenbeassigneddifferentmeaningsondifferentsidesratherthanbeing
given a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like disk
interfaceswheretheCPUmustbelockedoutofasectionofmemoryduring
atransferandtheI/Odevicecannottolerateanywaitstates.Withtheuse
ofsemaphores,oncethetwodeviceshasdeterminedwhichmemoryarea
was“off-limits”totheCPU,boththeCPUandtheI/Odevicescouldaccess
theirassignedportionsofmemorycontinuouslywithoutanywaitstates.
Semaphoresarealsousefulinapplicationswherenomemory“WAIT”
stateisavailableononeorbothsides.Onceasemaphorehandshakehas
been performed, both processors can access their assigned RAM
segmentsatfullspeed.
Another application is in the area of complex data structures. In this
case,blockarbitrationisveryimportant.Forthisapplicationoneprocessor
mayberesponsibleforbuildingandupdatingadatastructure.Theother
processorthenreadsandinterpretsthatdatastructure.Iftheinterpreting
processorreadsanincompletedatastructure,amajorerrorconditionmay
exist.Therefore,somesortofarbitrationmustbeusedbetweenthetwo
differentprocessors.Thebuildingprocessorarbitratesfortheblock,locks
itandthenisabletogoinandupdatethedatastructure.Whentheupdate
is completed, the data structure block is released. This allows the
interpretingprocessortocomebackandreadthecompletedatastructure,
therebyguaranteeingaconsistentdatastructure.
Figure 4. IDT7005 Semaphore Logic
D0
2738 drw 20
D
Q
WRITE
D0
D
Q
WRITE
SEMAPHORE
REQUEST FLIP FLOP
SEMAPHORE
REQUEST FLIP FLOP
LPORT
RPORT
SEMAPHORE
READ
SEMAPHORE
READ
,


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn