Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L70PFGB Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. 7005L70PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L70PFGB Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 7005L70PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 14Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 15Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 16Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 17Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 18Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 19Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 20Page - Integrated Device Technology 7005L70PFGB Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
17
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“busy”.
TheBUSYpincanthenbeusedtostalltheaccessuntiltheoperationon
theothersideiscompleted.Ifawriteoperationhasbeenattemptedfrom
thesidethatreceivesaBUSYindication,thewritesignalisgatedinternally
to prevent the write from proceeding.
TheuseofBUSYlogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORtheBUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.IfthewriteinhibitfunctionofBUSYlogicis
notdesirable,theBUSYlogiccanbedisabledbyplacingthepartinslave
modewiththeM/Spin.OnceinslavemodetheBUSYpinoperatessolely
asawriteinhibitinputpin.Normaloperationcanbeprogrammedbytying
the BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the BUSY pin for that port LOW.
TheBUSYoutputsontheIDT7005RAMinmastermode,arepush-
pull type outputs and do not require pull up resistors to operate. If these
RAMs are being expanded in depth, then the BUSY indication for the
resulting array requires the use of an external AND gate.
Width Expansion with Busy Logic
Master/Slave Arrays
WhenexpandinganIDT7005RAMarrayinwidthwhileusing BUSY
logic, one master part is used to decide which side of the RAM array will
receive a BUSYindication, and to output that indication. Any number of
slavestobeaddressedinthesameaddressrangeasthemaster,usethe
BUSYsignalasawriteinhibitsignal.ThusontheIDT7005RAMtheBUSY
pinisanoutputifthepartisusedasamaster(M/Spin=VIH),andtheBUSY
pin is an input if the part used as a slave (M/S pin = VIL) as shown in
Figure 3.
Iftwoormoremasterpartswereusedwhenexpandinginwidth,asplit
decisioncouldresultwithonemasterindicatingBUSYononesideofthe
arrayandanothermasterindicatingBUSYononeothersideofthearray.
Thiswouldinhibitthewriteoperationsfromoneportforpartofawordand
inhibitthewriteoperationsfromtheotherportfortheotherpartoftheword.
The BUSY arbitration on a master is based on the chip enable and
Figure 3. Busy and chip enable routing for both width and depth expansion with IDT7005 RAMs.
address signals only. It ignores whether an access is a read or write.
In a master/slave array, both address and chip enable must be valid
long enough for a BUSY flag to be output from the master before the
actualwritepulsecanbeinitiatedwiththeR/Wsignal.Failuretoobserve
thistimingcanresultinaglitchedinternalwriteinhibitsignalandcorrupted
data in the slave.
Semaphores
TheIDT7005isanextremelyfastDual-Port8Kx8CMOSStaticRAM
withanadditional8addresslocationsdedicatedtobinarysemaphoreflags.
TheseflagsalloweitherprocessorontheleftorrightsideoftheDual-Port
RAMtoclaimaprivilegeovertheotherprocessorforfunctionsdefinedby
thesystemdesigner’ssoftware.Asanexample,thesemaphorecanbe
usedbyoneprocessortoinhibittheotherfromaccessingaportionofthe
Dual-Port RAM or any other shared resource.
The Dual-Port RAM features a fast access time, and both ports are
completelyindependentofeachother.Thismeansthattheactivityonthe
left port in no way slows the access time of the right port. Both ports are
identicalinfunctiontostandardCMOSStaticRAMandcanbereadfrom,
orwrittento,atthesametimewiththeonlypossibleconflictarisingfromthe
simultaneous writing of, or a simultaneous READ/WRITE of, a non-
semaphorelocation.Semaphoresareprotectedagainstsuchambiguous
situationsandmaybeusedbythesystemprogramtoavoidanyconflicts
inthenon-semaphoreportionoftheDual-PortRAM.Thesedeviceshave
anautomaticpower-downfeaturecontrolledbyCE,theDual-PortRAM
enable,andSEM,thesemaphoreenable.TheCEandSEMpinscontrol
on-chip power down circuitry that permits the respective port to go into
standbymodewhennotselected. Thisistheconditionwhichisshownin
Truth Table I where CE and SEM are both HIGH.
SystemswhichcanbestusetheIDT7005containmultipleprocessors
or controllers and are typically very high-speed systems which are
softwarecontrolledorsoftwareintensive.Thesesystemscanbenefitfrom
aperformanceincreaseofferedbytheIDT7005'shardwaresemaphores,
whichprovidealockoutmechanismwithoutrequiringcomplexprogram-
ming.
Software handshaking between processors offers the maximum in
systemflexibilitybypermittingsharedresourcestobeallocatedinvarying
2738 drw 19
MASTER
Dual Port
RAM
BUSY (R)
CE
MASTER
Dual Port
RAM
BUSY (R)
CE
SLAVE
Dual Port
RAM
BUSY (R)
CE
SLAVE
Dual Port
RAM
BUSY (R)
CE
BUSY (L)
BUSY (R)
BUSY (L)
BUSY (L)
BUSY (L)
BUSY (L)
,


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn