Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S20PFGB Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. 7005S20PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005S20PFGB Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 7005S20PFGB Datasheet HTML 9Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 10Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 11Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 12Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 13Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 14Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 15Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 16Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
13
2738 drw 13
tDW
tAPS
(1)
ADDR"A"
tWC
DATAOUT "B"
MATCH
tWP
R/
W"A"
DATAIN "A"
ADDR"B"
tDH
VALID
MATCH
BUSY"B"
tBDA
VALID
tBDD
tDDD
(3)
tWDD
Timing Waveform of Write with Port-to-Port Read with BUSY(2,5)
(M/S = VIH)(4)
NOTES:
1. tWH must be met for both BUSY input (slave) and output (master).
2. BUSY is asserted on Port "B", blocking R/W"B", until BUSY"B" goes HIGH
3. tWB is only for the 'Slave' Version..
NOTES:
1. To ensure that the earlier of the two ports wins. tAPS is ignored for for M/S = VIL (slave).
2. CEL = CER = VIL
3. OE = VIL for the reading port.
4. If M/S = VIL (slave), then BUSY is an input (BUSY"A" =VIH), and BUSY"B" = "don't care", for this example.
5. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite port "A".
Timing Waveform of Write with BUSY
2738 drw 14
R/
W"A"
BUSY"B"
tWP
tWB
(3)
R/
W"B"
tWH
(1)
(2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn