Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S20PFGB Datasheet(PDF) 21 Page - Integrated Device Technology

Part No. 7005S20PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

7005S20PFGB Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 7005S20PFGB Datasheet HTML 13Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 14Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 15Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 16Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 17Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 18Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 19Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 20Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
21
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax: 408-284-2775
DualPortHelp@idt.com
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History (continued)
01/31/06:
Page 1
Addedgreenavailabilitytofeatures
Page 20
Addedgreenindicatortoorderinginformation
10/21/08:
Page 20
Removed "IDT" from orderable part number
09/17/12:
Pages 6,7,9,12,& 14
In all of the DC & AC Electrical tables the 7005X20 speed grade
changed from 7005X20 Com'l & Military to include Ind making it
Com'l, Ind & Military
Page 20
Added T& R indicator to ordering information
06/10/16:
Pages 2 & 3
Changed diagram for the PN64 pin configuration by rotating package pin labels and pin
numbers 90 degrees counter clockwise to reflect pin 1 orientation & added pin 1 dot at pin 1
PN64 pin configuration: removed the PN64 chamfer, the arrow and the index indicator
Added the IDT logo to all pin configurations and changed the text to be in
alignment with new diagram marking specs
Removed the date revision indicator from all pin configurations
UpdatedfootnotereferencesforPN64pinconfiguration
Pages 2 & 20
The package codes PN64-1, G68-1 & J68-1 changed to PN64, G68 & J68 respectively to
matchstandardpackagecodes
03/20/18:
Product Discontinuation Notice - PDN# SP-17-02
Last time buy expires June 15, 2018


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn