Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S20PFGB Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. 7005S20PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

7005S20PFGB Datasheet(HTML) 20 Page - Integrated Device Technology

 
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
20
Ordering Information
NOTES:
1. Industrial temperature range is available on selected TQFP packages in standard power.
Forotherspeeds,packagesandpowerscontactyoursalesoffice.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
Datasheet Document History
12/21/98:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 & 3
Addedadditionalnotestopinconfigurations
06/03/99:
Changeddrawingformat
11/10/99:
Replaced IDT logos
08/07/00:
Page 1
Addedcopyrightinfo
Fixed overbar errors
Page 4
Increasedstoragetemperatureparameter
ClarifiedTAParameter
Page 6
DCElectricalparameters–changedwordingfrom"open"to"disabled"
Changed ±500mV to 0mV in notes
09/18/01:
Page 2 & 3
Addeddaterevisionforpinconfigurations
Page 14
Replaced one copy of table 13b with 13a for 15, 17,20 & 25ns speeds for AC Electrical Characteristics
INTERRUPT TIMING
2738 drw 21a
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38538 QML
PF
G
J
64-pin TQFP (PN64)
68-pin PGA (G68)
68-pin PLCC (J68)
15
17
20
25
35
55
70
Commercial Only
Commercial Only
Commercial, Industrial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial, Industrial & Military
Military Only
S
L
Standard Power
Low Power
XXXXX
Device
Type
64K (8K x 8) Dual-Port RAM
7005
Speed in nanoseconds
A
G
Green
(2)
A
Blank
8
Tube or Tray
Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn