Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005S20PFGB Datasheet(PDF) 16 Page - Integrated Device Technology

Part No. 7005S20PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

7005S20PFGB Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 7005S20PFGB Datasheet HTML 12Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 13Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 14Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 15Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 16Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 17Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 18Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 19Page - Integrated Device Technology 7005S20PFGB Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
16
Truth Table IV — Address BUSY
Arbitration
NOTES:
1. Pins BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSYX outputs on the IDT7005 are
push-pull, not open drain outputs. On slaves the BUSYX input internally inhibits writes.
2. 'L' if the inputs to the opposite port were stable prior to the address and enable inputs of this port. 'H' if the inputs to the opposite port became stable after the address
and enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs can not be LOW simultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving LOW regardless of actual logic level on the pin. Writes to the right port are internally ignored
when BUSYR outputs are driving LOW regardless of actual logic level on the pin.
Truth Table V — Example of Semaphore Procurement Sequence(1,2,3)
Functional Description
TheIDT7005providestwoportswithseparatecontrol,addressand
I/Opinsthatpermitindependentaccessforreadsorwritestoanylocation
inmemory.TheIDT7005hasanautomaticpowerdownfeaturecontrolled
by CE. The CE controls on-chip power down circuitry that permits the
respectiveporttogointoastandbymodewhennotselected(CEHIGH).
Whenaportisenabled,accesstotheentirememoryarrayispermitted.
Interrupts
Iftheuserchoosestheinterruptfunction,amemorylocation(mailbox
or message center) is assigned to each port. The left port interrupt flag
(INTL) is asserted when the right port writes to memory location 1FFE
(HEX), where a write is defined as CE = R/W= VIL per Truth Table III.
Theleftportclearstheinterruptthroughaccessofaddresslocation1FFE
when CE = OE = VIL. For this example, R/W is a "don't care". Likewise,
the right port interrupt flag (INTR) is asserted when the left port writes to
memory location 1FFF (HEX) and to clear the interrupt flag (INTR), the
rightportmustreadthememorylocation1FFF.Themessage(8bits)at
1FFEor1FFFisuser-defined,sinceitisanaddressableSRAMlocation.
Iftheinterruptfunctionisnotused,addresslocations1FFEand1FFFare
notusedasmailboxes,butaspartoftherandomaccessmemory.Refer
to Truth Table III for the interrupt operation.
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT7005.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's. These eight semaphores are addressed by A0 - A2.
3. CE=VIH, SEM=VIL to access the semaphores. Refer to the semaphore Read/Write Control Truth Table.
Inputs
Outputs
Function
CEL
CER
AOL-A12L
AOR-A12R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
H
H
Normal
H
X
MATCH
H
H
Normal
X
H
MATCH
H
H
Normal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2738 tbl 18
Functions
D0 - D7 Left
D0 - D7 Right
Status
No Action
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Right Port Writes "0" to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes "1" to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes "0" to Semaphore
1
0
No change. Left port has no write access to semaphore
Right Port Writes "1" to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
Right Port Writes "0" to Semaphore
1
0
Right port has semaphore token
Right Port Writes "1" to Semaphore
1
1
Semaphore free
Left Port Writes "0" to Semaphore
0
1
Left port has semaphore token
Left Port Writes "1" to Semaphore
1
1
Semaphore free
2738 tbl 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn