Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L17PFGB Datasheet(PDF) 12 Page - Integrated Device Technology

Part No. 7005L17PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L17PFGB Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button 7005L17PFGB Datasheet HTML 8Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 9Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 10Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 11Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 12Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 14Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 15Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
12
NOTES:
1. Port-to-port delay through RAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read and BUSY".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited on port "B" during contention with port "A".
5. To ensure that a write cycle is completed on port "B" after contention on port "A".
6. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6)
7005X15
Com'l Only
7005X17
Com'l Only
7005X20
Com'l, Ind
& Military
7005X25
Com'l &
Military
Symbol
Parameter
Min.Max.Min.Max.
Min.Max.Min.Max.
Unit
BUSY TIMING (M/S=VIH
)
tBAA
BUSY Access Time from Address Match
____
15
____
17
____
20
____
20
ns
tBDA
BUSY Disable Time from Address Not Matched
____
15
____
17
____
20
____
20
ns
tBAC
BUSY Access Time from Chip Enable Low
____
15
____
17
____
20
____
20
ns
tBDC
BUSY Access Time from Chip Enable High
____
15
____
17
____
17
____
17
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
18
____
18
____
30
____
30
ns
tWH
Write Hold After BUSY(5)
12
____
13
____
15
____
17
____
ns
BUSY TIMING (M/S=VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
12
____
13
____
15
____
17
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
30
____
30
____
45
____
50
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
25
____
25
____
35
____
35
ns
2738 tbl 15a
7005X35
Com'l, Ind
& Military
7005X55
Com'l, Ind &
Military
7005X70
Military
Only
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
BUSY TIMING (M/S=VIH)
tBAA
BUSY Access Time from Address Match
____
20
____
45
____
45
ns
tBDA
BUSY Disable Time from Address Not Matched
____
20
____
40
____
40
ns
tBAC
BUSY Acce ss Time from Chip Enable Low
____
20
____
40
____
40
ns
tBDC
BUSY Acce ss Time from Chip Enable High
____
20
____
35
____
35
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Date(3)
____
35
____
40
____
45
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
25
____
ns
BUSY TIMING (M/S=VIL)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After BUSY(5)
25
____
25
____
25
____
ns
PORT-TO-PORT DELAY TIMING
tWDD
Write Pulse to Data Delay(1)
____
60
____
80
____
95
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
45
____
65
____
80
ns
2738 tbl 15b


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn