Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L17PFGB Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. 7005L17PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L17PFGB Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button 7005L17PFGB Datasheet HTML 11Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 12Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 14Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 15Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 16Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 17Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 18Page - Integrated Device Technology 7005L17PFGB Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
15
Waveform of Interrupt Timing(1)
Truth Table III — Interrupt Flag(1,4)
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either the left or right port. Port “B” is the port opposite from port “A”.
2. See Interrupt Truth Table III.
3. Timing depends on which enable signal (CE or R/W) asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
NOTES:
1. Assumes BUSYL = BUSYR = VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
4. INTR and INTL must be initialized at power-up.
2738 drw 17
ADDR"A"
INTERRUPT SET ADDRESS
(2)
CE"A"
R/
W"A"
tAS
(3)
tWC
tWR
(4)
tINS
(3)
INT"B"
2738 drw 18
ADDR"B"
INTERRUPT CLEAR ADDRESS
(2)
CE"B"
OE"B"
tAS
(3)
tRC
tINR
(3)
INT"B"
Left Port
Right Port
Function
R/WL
CEL
OEL
A12L-A0L
INTL
R/WR
CER
OER
A12R-A0R
INTR
L
L
X
1FFF
XXXX
X
L(2)
Set Right INTR Flag
XXX
X
X
X
L
L
1FFF
H(3)
Reset Right INTR Flag
XXX
X
L(3)
L
L
X
1FFE
X
Set Left INTL Flag
X
LL1FFE
H(2)
X
X
XXX
Reset Left INTL Flag
2738 tbl 17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn