Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5168 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBI5168
Description  8-bit Constant Current LED Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5168 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBI5168 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5168 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MBI5168
8-bit Constant Current LED Sink Driver
September 2003, V0.3
- 2 -
9
10
11
12
13
14
15
16
SDO
R-EXT
VDD
OE
5
OUT
4
OUT
6
OUT
7
OUT
1
2
3
4
5
6
7
8
0
OUT
3
OUT
2
OUT
1
OUT
CLK
LE
SDI
GND
Terminal Description
Pin No.
Pin Name
Function
1
GND
Ground terminal for control logic and
current sinks
2
SDI
Serial-data input to the shift register
3
CLK
Clock input terminal for data shift on
rising edge
4
LE
Data strobe input terminal
Serial data is transferred to the
respective latch when LE is high. The
data is latched when LE goes low.
5-12
OUT0 ~
7
OUT
Constant current output terminals
13
OE
Output enable terminal
When (active) low, the output drivers
are enabled; when high, all output
drivers are turned OFF (blanked).
14
SDO
Serial-data output to the following SDI
of next driver IC
15
R-EXT
Input terminal used to connect an
external resistor for setting up output
current for all output channels
16
VDD
5V supply voltage terminal
Block Diagram
8-Bit Shift Register
8-Bit Output Latch
IO Regulator
8-Bit Output Driver
R-EXT
OE
LE
SDI
CLK
SDO
OUT7
OUT0
8
8
OUT1
VDD
GND
OUT6
Pin Description


Similar Part No. - MBI5168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CD ETC-MBI5169CD Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CN ETC-MBI5169CN Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5169CP ETC-MBI5169CP Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
More results

Similar Description - MBI5168

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
logo
SamHop Microelectronics...
SM16705 SAMHOP-SM16705 Datasheet
197Kb / 15P
   8-BIT CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com