Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1909 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1909
Description  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1909 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1909 Datasheet HTML 1Page - Maxim Integrated Products MAX1909 Datasheet HTML 2Page - Maxim Integrated Products MAX1909 Datasheet HTML 3Page - Maxim Integrated Products MAX1909 Datasheet HTML 4Page - Maxim Integrated Products MAX1909 Datasheet HTML 5Page - Maxim Integrated Products MAX1909 Datasheet HTML 6Page - Maxim Integrated Products MAX1909 Datasheet HTML 7Page - Maxim Integrated Products MAX1909 Datasheet HTML 8Page - Maxim Integrated Products MAX1909 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Multichemistry Battery Chargers with Automatic
System Power Selector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VVCTL = VICTL = 1.8V, MODE = float, ACIN = 0, CLS =
REF, GND = PGND = 0, PKPRES = GND, LDO = DLOV, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DCIN, CSSP, CSSN, SRC, ACOK to GND..............-0.3V to +30V
DHIV ........................................................…SRC + 0.3, SRC - 6V
DHI, PDL, PDS to GND ...............................-0.3V to (VSRC + 0.3)
BATT, CSIP, CSIN to GND .....................................-0.3V to +20V
CSIP to CSIN or CSSP to CSSN or PGND to GND ...-0.3V to +0.3V
CCI, CCS, CCV, DLO, IINP, REF,
ACIN to GND ........................................-0.3V to (VLDO + 0.3V)
DLOV, VCTL, ICTL, MODE, CLS, LDO,
PKPRES to GND ...................................................-0.3V to +6V
DLOV to LDO.........................................................-0.3V to +0.3V
DLO to PGND ..........................................-0.3V to (DLOV + 0.3V)
LDO Short-Circuit Current...................................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN (derate 20.8mW/°C above +70°C) .......1666mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE VOLTAGE REGULATION
VCTL Range
0
3.6
V
VVCTL = 3.6V (3 or 4 cells);
not including VCTL resistor tolerances
-0.8
+0.8
VVCTL = 3.6V/20 (3 or 4 cells); not including
VCTL resistor tolerances
-0.8
+0.8
VVCTL = 3.6V (3 or 4 cells); including VCTL
resistor tolerances of 1%
-1.0
+1.0
Battery Regulation Voltage
Accuracy
VVCTL = VLDO (3 or 4 cells, default
threshold of 4.2V/cell)
-0.5
+0.5
%
VVCTL Default Threshold
VVCTL rising
4.1
4.3
V
VVCTL = 3V
0
2.5
VCTL Input Bias Current
VDCIN = 0, VVCTL = 5V
0
12
µA
CHARGE-CURRENT REGULATION
MAX1909
0
3.6
ICTL Range
MAX8725
0
3.2
V
CSIP-to-CSIN Full-Scale Current-
Sense Voltage
69.37
75.00
80.63
mV
MAX1909: VICTL = 3.6V (not including ICTL
resistor tolerances)
-7.5
+7.5
MAX8725: VICTL = 3.2V (not including ICTL
resistor tolerances)
-5
+5
MAX1909: VICTL = 3.6V x 0.5, MAX8725:
VICTL = 3.2V x 0.5 (not including ICTL
resistor tolerances)
-5
+5
MAX1909: VICTL = 0.9V (not including ICTL
resistor tolerances)
-7.5
+7.5
Charge-Current Accuracy
MAX8725: VICTL = 0.18V (not including
ICTL resistor tolerances)
-30
+30
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn