Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1909 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1909
Description  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1909 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1909 Datasheet HTML 14Page - Maxim Integrated Products MAX1909 Datasheet HTML 15Page - Maxim Integrated Products MAX1909 Datasheet HTML 16Page - Maxim Integrated Products MAX1909 Datasheet HTML 17Page - Maxim Integrated Products MAX1909 Datasheet HTML 18Page - Maxim Integrated Products MAX1909 Datasheet HTML 19Page - Maxim Integrated Products MAX1909 Datasheet HTML 20Page - Maxim Integrated Products MAX1909 Datasheet HTML 21Page - Maxim Integrated Products MAX1909 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Multichemistry Battery Chargers with Automatic
System Power Selector
18
______________________________________________________________________________________
The input range for ICTL is 0 to 3.6V on the MAX1909,
and 0 to 3.2V on the MAX8725. The charger shuts down
if ICTL is forced below 0.75V for the MAX1909 and 0.06V
for the MAX8725. When choosing current-sense resistor
RS2, note that it must have a sufficient power rating to
handle the full-load current. The sense resistor’s I2R
power loss reduces charger efficiency. Adjusting ICTL to
drop the voltage across the current-sense resistor
improves efficiency, but may degrade accuracy due to
the current-sense amplifier’s input offset error. The
charge-current error amplifier (GMI) is compensated at
the CCI pin. See the Compensation section.
Conditioning Charge
The MAX1909 includes a battery voltage comparator
that allows a conditioning charge of overdischarged
Li+ battery packs. If the battery-pack voltage is less
than 3.1V x the number of cells programmed by
CELLS, the MAX1909 charges the battery with 300mA
current when using sense resistor RS2 = 0.015Ω. After
the battery voltage exceeds the conditioning charge
threshold, the MAX1909 resumes full-charge mode,
charging to the programmed voltage and current limits.
The MAX8725 does not provide automatic support for
providing a conditioning charge. To configure the
MAX8725 to provide a conditioning charge current,
ICTL should be directly driven.
Setting the Input Current Limit
The total input current, from a wall cube or other DC
source, is the sum of the system supply current and the
current required by the charger. The MAX1909/MAX8725
reduce the source current by decreasing the charge cur-
rent when the input current exceeds the set input current
limit. This technique does not truly limit the input current.
As the system supply current rises, the available charge
current drops proportionally to zero. Thereafter, the total
input current can increase without limit.
An internal amplifier compares the differential voltage
between CSSP and CSSN to a scaled voltage set with
the CLS input. VCLS can be driven directly or set with a
resistive voltage-divider between REF and GND.
Connect CLS to REF to set the input current-limit sense
voltage to the maximum value of 75mV. Calculate the
input current as follows:
VCLS determines the reference voltage of the GMS
error amplifier. Sense resistor RS1 sets the maximum
allowable source current. Once the input current limit is
reached, the charge current is decreased linearly until
the input current is below the desired threshold.
Duty cycle affects the accuracy of the input current
limit. AC load current also affects accuracy (see the
Typical Operating Characteristics). Refer to the
MAX1909/MAX8725 EV kit data sheet for more details
on reducing the effects of switching noise.
When choosing the current-sense resistor RS1, carefully
calculate its power rating. Take into account variations
in the system’s load current and the overall accuracy of
the sense amplifier. Note that the voltage drop across
RS1 contributes additional power loss, which reduces
efficiency.
System currents normally fluctuate as portions of the
system are powered up or put to sleep. Without input
current regulation, the input source must be able to
deliver the maximum system current and the maximum
charger input current. By using the input current-limit
circuit, the output current capability of the AC wall
adapter can be lowered, reducing system cost.
Current Measurement
The MAX1909/MAX8725 include an input current monitor
IINP. The current delivered at the IINP output is a scaled-
down replica of the system load current plus the input-
referred charge current that is sensed across CSSP and
CSSN inputs. The output voltage range is 0 to 3V.
The voltage of IINP is proportional to the input current
according to the following equation:
VIINP = ISOURCE RS1 GIINP R9
where ISOURCE is the DC current supplied by the AC
adapter power, GIINP is the transconductance of IINP
(3mA/V typ), and R9 is the resistor connected between
IINP and ground.
Leave the IINP pin unconnected if not used.
LDO Regulator
LDO provides a 5.4V supply derived from DCIN and
can deliver up to 10mA of extra load current. The low-
side MOSFET driver is powered by DLOV, which must
be connected to LDO as shown in Figure 1. LDO also
supplies the 4.2235V reference (REF) and most of the
control circuitry. Bypass LDO with a 1µF capacitor.
Shutdown and Charge Inhibit (
PKPRES)
When the AC adapter is removed, the MAX1909/
MAX8725 shut down to a low-power state that does not
significantly load the battery. Under these conditions, a
maximum of 6µA is drawn from the battery through the
combined load of the SRC, CSSP, CSSN, CSIP, CSIN,
and BATT inputs. The charger enters this low-power state
when DCIN falls below the undervoltage-lockout (UVLO)
threshold of 7V. The PDS switch turns off, the PDL switch
turns on, and the system runs from the battery.
I
RS
V
V
IN
CLS
REF
0 075
1
.


Similar Part No. - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909ETI MAXIM-MAX1909ETI Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909ETI++ MAXIM-MAX1909ETI+ Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results

Similar Description - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com