Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1909 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1909
Description  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1909 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1909 Datasheet HTML 13Page - Maxim Integrated Products MAX1909 Datasheet HTML 14Page - Maxim Integrated Products MAX1909 Datasheet HTML 15Page - Maxim Integrated Products MAX1909 Datasheet HTML 16Page - Maxim Integrated Products MAX1909 Datasheet HTML 17Page - Maxim Integrated Products MAX1909 Datasheet HTML 18Page - Maxim Integrated Products MAX1909 Datasheet HTML 19Page - Maxim Integrated Products MAX1909 Datasheet HTML 20Page - Maxim Integrated Products MAX1909 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Multichemistry Battery Chargers with Automatic
System Power Selector
______________________________________________________________________________________
17
Detailed Description
The MAX1909/MAX8725 include all of the functions
necessary to charge Li+, NiMH, and NiCd batteries. A
high-efficiency, synchronous-rectified step-down DC-
DC converter is used to implement a precision con-
stant-current, constant-voltage charger with input
current limiting. The DC-DC converter uses external
p-channel/n-channel MOSFETs as the buck switch and
synchronous rectifier to convert the input voltage to the
required charge current and voltage. The charge cur-
rent and input current-limit sense amplifiers have low-
input-referred offset errors and can use small-value
sense resistors. The MAX1909/MAX8725 feature a volt-
age-regulation loop (CCV) and two current-regulation
loops (CCI and CCS). The CCV voltage-regulation loop
monitors BATT to ensure that its voltage never exceeds
the voltage set by VCTL. The CCI battery current-regu-
lation loop monitors current delivered to BATT to ensure
that it never exceeds the current limit set by ICTL. A
third loop (CCS) takes control and reduces the charge
current when the sum of the system load and the input-
referred charge current exceeds the power source cur-
rent limit set by CLS. Tying CLS to the reference
voltage provides a 7.5A input current limit with a 10mΩ
sense resistor.
The ICTL, VCTL, and CLS analog inputs set the charge
current, charge voltage, and input current limit, respec-
tively. For standard applications, internal set points for
ICTL and VCTL provide a 3A charge current using a
15mΩ sense resistor and a 4.2V per-cell charge volt-
age. The variable for controlling the number of cells is
set with the MODE input. The MAX8725 includes a
PKPRES input used for battery-pack detection.
Based on the presence or absence of the AC adapter,
the MAX1909/MAX8725 automatically provide an open-
drain logic output signal ACOK and select the appropri-
ate source for supplying power to the system. A
p-channel load switch controlled from the PDL output and
a similar p-channel source switch controlled from the PDS
output are used to implement this function. Using the
MODE control input, the MAX1909/MAX8725 can be pro-
grammed to perform a relearning, or conditioning, cycle
in which the battery is isolated from the charger and com-
pletely discharged through the system load. When the
battery reaches 100% depth of discharge, it is recharged
to full capacity.
The circuit shown in Figure 1 demonstrates a simple
hardwired application, while Figure 2 shows a typical
application for smart-battery systems with variable
charge current and source switch configuration that sup-
ports battery conditioning. Smart-battery systems typical-
ly use a host µC to achieve this added functionality.
Setting the Charge Voltage
The MAX1909/MAX8725 use a high-accuracy voltage
regulator for charge voltage. The VCTL input adjusts
the battery output voltage. In default mode (VCTL =
LDO), the overall accuracy of the charge voltage is
±0.5%. VCTL is allowed to vary from 0 to 3.6V, which
provides a 10% adjustment range of the battery volt-
age. Limiting the adjustment range reduces the sensi-
tivity of the charge voltage to external resistor
tolerances from ±1% to ±0.05%. The overall accuracy
of the charge voltage is better than ±1% when using
±1% resistors to divide down the reference to establish
VCTL. The per-cell battery termination voltage is a func-
tion of the battery chemistry and construction. Consult
the battery manufacturer to determine this voltage. The
battery voltage is calculated by the equation:
where VREF = 4.2235V, and CELL is the number of cells
selected with the MAX1909/MAX8725s’ trilevel MODE
control input. When MODE is tied to the LDO output,
CELL = 4. When MODE is left floating, CELL = 3. When
MODE is tied to ground, the charger enters condition-
ing mode, which is used to isolate the battery from the
charger and discharge it through the system load. See
the Conditioning Mode section. The internal error ampli-
fier (GMV) maintains voltage regulation (see Figure 3
for the Functional Diagram). The voltage-error amplifier
is compensated at CCV. The component values shown
in Figures 1 and 2 provide suitable performance for
most applications. Individual compensation of the volt-
age regulation and current-regulation loops allow for
optimal compensation. See the Compensation section.
Setting the Charge Current
The voltage on the ICTL input sets the maximum
voltage across current-sense resistor RS2, which in turn
determines the charge current. The full-scale differen-
tial voltage between CSIP and CSIN is 75mV; thus, for a
0.015Ω sense resistor, the maximum charge current is
5A. In default mode (ICTL = LDO), the sense voltage is
45mV with an overall accuracy of ±5%. The charge cur-
rent is programmed with ICTL using the equation:
I
RS
V
V
CHG
ICTL
0 075
23 6
.
.
V
CELL V
VV
BATT
REF
VCTL
=+
18
952
.
.


Similar Part No. - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909ETI MAXIM-MAX1909ETI Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909ETI++ MAXIM-MAX1909ETI+ Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results

Similar Description - MAX1909

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com