Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1909 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1909
Description  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1909 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
General Description
The MAX1909/MAX8725 highly integrated control ICs
simplify construction of accurate and efficient multi-
chemistry battery chargers. The MAX1909/MAX8725
use analog inputs to control charge current and volt-
age, and can be programmed by a host microcontroller
(µC) or hardwired. High efficiency is achieved through
use of buck topology with synchronous rectification.
The maximum current drawn from the AC adapter is pro-
grammable to avoid overloading the AC adapter when
supplying the load and the battery charger simultane-
ously. The MAX1909/MAX8725 provide a digital output
that indicates the presence of an AC adapter, and an
analog output that monitors the current drawn from the
AC adapter. Based on the presence or absence of the
AC adapter, the MAX1909/MAX8725 automatically select
the appropriate source for supplying power to the sys-
tem by controlling two external p-channel MOSFETs.
Under system control, the MAX1909/MAX8725 allow the
battery to undergo a relearning or conditioning cycle in
which the battery is completely discharged through the
system load and then recharged.
The MAX1909 includes a conditioning charge feature
while the MAX8725 does not. The MAX1909/MAX8725
are available in space-saving 28-pin, 5mm 5mm thin
QFN packages and operate over the extended -40°C to
+85°C temperature range. The MAX1909/MAX8725 are
now available in lead-free packages.
Applications
Notebook and Subnotebook Computers
Hand-Held Data Terminals
Features
♦ ±0.5% Accurate Charge Voltage (0°C to +85°C)
♦ ±3% Accurate Input Current Limiting
♦ ±5% Accurate Charge Current
♦ Programmable Charge Current >4A
♦ Automatic System Power-Source Selection
♦ Analog Inputs Control Charge Current and
Charge Voltage
♦ Monitor Outputs for
Current Drawn from AC Input Source
AC Adapter Presence
♦ Up to 17.65V (max) Battery Voltage
♦ Maximum 28V Input Voltage
♦ Greater than 95% Efficiency
♦ Charge Any Battery Chemistry: Li+, NiCd, NiMH,
Lead Acid, etc.
Multichemistry Battery Chargers with Automatic
System Power Selector
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2805; Rev 2; 9/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX1909ETI
-40
°C to +85°C
28 Thin QFN
MAX1909ETI+
-40
°C to +85°C
28 Thin QFN
MAX8725ETI
-40
°C to +85°C
28 Thin QFN
MAX8725ETI+
-40
°C to +85°C
28 Thin QFN
28
27
26
25
24
23
22
89
10
11
12
13
14
15
16
17
18
19
20
21
7
6
5
4
3
2
1
MAX1909
MAX8725
THIN QFN
TOP VIEW
LDO
DCIN
ACIN
REF
GND/PKPRES
ACOK
MODE
DLOV
DLO
PGND
CSIP
CSIN
BATT
GND
Pin Configuration
CSSP
CSSN
LDO
DHI
DLOV
DLO
PGND
CSIP
CSIN
BATT
GND
DCIN
VCTL
ICTL
MODE
ACIN
ACOK
CLS
CCV
CCI
CCS
REF
LDO
AC ADAPTER: INPUT
P3
0.01Ω
10µH
N1
P1
0.015Ω
TO
EXTERNAL LOAD
LDO
PDS
PDL
SRC
LDO
REF
IINP
IINP
DHIV
SRC
P2
MAX1909
MAX8725
PKPRES
MAX8725 ONLY
Minimum Operating Circuit
Functional Diagrams appear at end of data sheet.
+Denotes lead-free package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn