Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3409 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3409
Description  600mA Low Vin Buck Regulator in 3mm x 3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3409 Datasheet HTML 7Page - Linear Technology LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology LTC3409 Datasheet HTML 10Page - Linear Technology LTC3409 Datasheet HTML 11Page - Linear Technology LTC3409 Datasheet HTML 12Page - Linear Technology LTC3409 Datasheet HTML 13Page - Linear Technology LTC3409 Datasheet HTML 14Page - Linear Technology LTC3409 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3409
3409f
where f = operating frequency, COUT = output capacitance
and ∆IL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since ∆IL increases with input voltage. Aluminum
electrolytic and dry tantalum capacitors are both available
in surface mount configurations. In the case of tantalum,
it is critical that the capacitors are surge tested for use in
switching power supplies. An excellent choice is the AVX
TPS series of surface mount tantalum. These are specially
constructed and tested for low ESR so they give the lowest
ESR for a given volume. Other capacitor types include
Sanyo POSCAP, Kemet T510 and T495 series, and Sprague
593D and 595D series. Consult the manufacturer for other
specific recommendations.
Using Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now
available in smaller case sizes. Their high ripple current,
high voltage rating and low ESR make them ideal for
switching regulator applications. Because the LTC3409’s
control loop does not depend on the output capacitor’s
ESR for stable operation, ceramic capacitors can be used
to achieve very low output ripple and small circuit size.
However, care must be taken when these capacitors are
used at the input and the output. When a ceramic capacitor
is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can
induce ringing at the input, VIN. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN, large enough
to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+
0 613
1
1
2
.
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 1.
APPLICATIO S I FOR ATIO
VFB
VOUT
R1
R2
3409 F01
GND
LTC3409
Figure 1
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3409 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence as illustrated in Figure 2.


Similar Part No. - LTC3409

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3409 LINER-LTC3409 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3409 LINER-LTC3409 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results

Similar Description - LTC3409

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
logo
Semtech Corporation
SC1564 SEMTECH-SC1564 Datasheet
445Kb / 11P
   Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
logo
Micrel Semiconductor
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722_10 Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com