Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C4444 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4444
Description  SMA Male to SSMC Plug Cable Using PE-SR405FLJ Coax
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4444 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4444 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4444 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4444 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4444 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4444 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SMA Male
SSMC Plug
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
Contact Material and Plating
Brass, Gold over Nickel
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Teflon
Body Material and Plating
Brass, Gold over Nickel
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Passivated Stainless Steel
Beryllium Copper, Gold
Coupling Nut Plating Specification
MIL-G-45204
Hex Size
5/16 inch
Torque
8 in-lbs [0.9 Nm]
1.75 in-lbs [0.2 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C4444 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SSMC Plug Cable Using PE-SR405FLJ Coax PE3C4444
RF Cable Assemblies Technical Data Sheet
SMA Male to SSMC Plug Cable Using PE-SR405FLJ Coax
PE3C4444


Similar Part No. - PE3C4444

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4444-12 PASTERNACK-PE3C4444-12 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4444-24 PASTERNACK-PE3C4444-24 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4444-48 PASTERNACK-PE3C4444-48 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 48 Inch Length Using PE-SR405FLJ Coax
PE3C4444-6 PASTERNACK-PE3C4444-6 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4444-60 PASTERNACK-PE3C4444-60 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 60 Inch Length Using PE-SR405FLJ Coax
More results

Similar Description - PE3C4444

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4446 PASTERNACK-PE3C4446 Datasheet
489Kb / 5P
   SMA Male Right Angle to SSMC Plug Cable Using PE-SR405FLJ Coax
PE3C4441 PASTERNACK-PE3C4441 Datasheet
483Kb / 5P
   SSMC Plug to SSMC Plug Cable Using PE-SR405FLJ Coax
PE3C4445 PASTERNACK-PE3C4445 Datasheet
483Kb / 5P
   SMA Male to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
PE3C4444-6 PASTERNACK-PE3C4444-6 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4444-72 PASTERNACK-PE3C4444-72 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 72 Inch Length Using PE-SR405FLJ Coax
PE3C4444-12 PASTERNACK-PE3C4444-12 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4444-60 PASTERNACK-PE3C4444-60 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 60 Inch Length Using PE-SR405FLJ Coax
PE3C4444-48 PASTERNACK-PE3C4444-48 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 48 Inch Length Using PE-SR405FLJ Coax
PE3C4444-24 PASTERNACK-PE3C4444-24 Datasheet
482Kb / 5P
   SMA Male to SSMC Plug Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4442 PASTERNACK-PE3C4442 Datasheet
483Kb / 5P
   SSMC Plug to SSMC Jack Bulkhead Cable Using PE-SR405FLJ Coax
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com